Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BEU8638-12 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # BEU8638-12
Description  Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

BEU8638-12 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  BEU8638-12 Datasheet HTML 1Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 2Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 3Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 4Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 5Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 6Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 7Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 8Page - Aeroflex Circuit Technology BEU8638-12 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SCD8638 Rev D 3/21/08
Aeroflex Plainview
4
MIL-STD-1553B Telemetry & Commands (Each 12-cell battery)
Analog or bi-level telemetry can be requested from either
the primary or the redundant controller and reported over
the dual redundant 1553B interface with the RT addresses
configurable at the J1 and J4 connectors.
Analog Telemetry
Each analog telemetry item can be requested individually on
sub-addresses 18, 19 or 22.
First a 1553B receive command with one data word as
defined in Table I, which specifies the telemetry item being
requested, must be issued. After a minimum delay of 1.2ms,
the data can be retrieved by sending a 1553B transmit
command for one data word on the same sub-address on
which the request was initiated.
The 12-bit data reply is left justified in the 16-bit 1553B data
word with the four LSBs set to "0".
Bi-Level Telemetry
Bi-level telemetry can be requested on sub-addresses 18, 19
or 22.
First a 1553B receive command with one data word as
defined in Table II, which specifies the telemetry item being
requested, must be issued. After a minimum delay of 1.2ms,
the data can be retrieved by sending a 1553B transmit
command for one data word on the same sub-address on
which the request was initiated.
Table I – Analog Telemetry (Each 12-cell battery)
Item
Telemetry Title
Telemetry Reply
Scale
1st Data Word of
1553B Receive
Command (Hex)
1
4V Reference
-0.40V to 4.89V
0800
2
0V Reference
-0.40V to 4.89V
0803
3
Total Battery Voltage 1
0V to 61.44V
0805
4
Total Battery Voltage 2
0V to 61.44V
0806
5
Total Battery Voltage 3
0V to 61.44V
0809
6
Share Bus Voltage
0V to 5.12V
080A
7
Bypass Device Driver Power
0V to 51.2V
080C
8
Cell 1 Voltage
0V to 5.12V
0811
9
Cell 2 Voltage
0V to 5.12V
0812
10
Cell 3 Voltage
0V to 5.12V
0814
11
Cell 4 Voltage
0V to 5.12V
0817
12
Cell 5 Voltage
0V to 5.12V
0818
13
Cell 6 Voltage
0V to 5.12V
081B
14
Cell 7 Voltage
0V to 5.12V
081D
15
Cell 8 Voltage
0V to 5.12V
081E
16
Cell 9 Voltage
0V to 5.12V
0821
17
Cell 10 Voltage
0V to 5.12V
0822
18
Cell 11 Voltage
0V to 5.12V
0824
19
Cell 12 Voltage
0V to 5.12V
0827
20
Cell 13 Voltage
0V to 5.12V
0828
21
Cell 14 Voltage
0V to 5.12V
082B
22
Cell 15 Voltage
0V to 5.12V
082D
23
Cell 16 Voltage
0V to 5.12V
082E
24
Cell 17 Voltage
0V to 5.12V
0830
25
Cell 18 Voltage
0V to 5.12V
0833
26
Cell 19 Voltage
0V to 5.12V
0835
27
Cell 20 Voltage
0V to 5.12V
0836
28
Cell 21 Voltage
0V to 5.12V
0839
29
Cell 22 Voltage
0V to 5.12V
083A
30
Cell 23 Voltage
0V to 5.12V
083C
31
Cell 24 Voltage
0V to 5.12V
083F
32
Lowest Cell Voltage
0V to 5.12V
0871
33
Highest Cell Voltage
0V to 5.12V
0872
1/ For Battery A.
2/ For Battery B.
1/
2/
Table II – Bi-level Telemetry
Item
Telemetry Title
Status
Reply
Bit
1st Data
Word of
1553B
Receive
Command
(Hex)
1
Overvoltage Latch Status
1 = Set
D13
0C80
2
Bypass Dev. 1 Arm Status
1 = Armed
D15
0C83
3
Bypass Dev. 2 Arm Status
1 = Armed
D14
0C83
4
Bypass Dev. 3 Arm Status
1 = Armed
D13
0C83
5
Bypass Dev. 4 Arm Status
1 = Armed
D12
0C83
6
Bypass Dev. 5 Arm Status
1 = Armed
D11
0C83
7
Bypass Dev. 6 Arm Status
1 = Armed
D10
0C83
8
Bypass Dev. 7 Arm Status
1 = Armed
D9
0C83
9
Bypass Dev. 8 Arm Status
1 = Armed
D8
0C83
10
Bypass Dev. 9 Arm Status
1 = Armed
D15
0C85
11
Bypass Dev. 10 Arm Status
1 = Armed
D14
0C85
12
Bypass Dev. 11 Arm Status
1 = Armed
D13
0C85
13
Bypass Dev. 12 Arm Status
1 = Armed
D12
0C85
14
Bypass Dev. 13 Arm Status
1 = Armed
D11
0C85
15
Bypass Dev. 14 Arm Status
1 = Armed
D10
0C85
16
Bypass Dev. 15 Arm Status
1 = Armed
D9
0C85
17
Bypass Dev. 16 Arm Status
1 = Armed
D8
0C85
18
Bypass Dev. 17 Arm Status
1 = Armed
D15
0C86
19
Bypass Dev. 18 Arm Status
1 = Armed
D14
0C86
20
Bypass Dev. 19 Arm Status
1 = Armed
D13
0C86
21
Bypass Dev. 20 Arm Status
1 = Armed
D12
0C86
22
Bypass Dev. 21 Arm Status
1 = Armed
D11
0C86
23
Bypass Dev. 22 Arm Status
1 = Armed
D10
0C86
24
Bypass Dev. 23 Arm Status
1 = Armed
D9
0C86
25
Bypass Dev. 24 Arm Status
1 = Armed
D8
0C86
1/ For Battery A.
2/ For Battery B.
1/
2/


Similar Part No. - BEU8638-12

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8638-08 AEROFLEX-BEU8638-08 Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8638-08-S AEROFLEX-BEU8638-08-S Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
More results

Similar Description - BEU8638-12

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8638-08 AEROFLEX-BEU8638-08 Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-08 AEROFLEX-BEU8636-08 Datasheet
264Kb / 9P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8640-24 AEROFLEX-BEU8640-24 Datasheet
335Kb / 10P
   Dual Redundant Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com