Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BEU8637-08-S Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # BEU8637-08-S
Description  Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

BEU8637-08-S Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  BEU8637-08-S Datasheet HTML 1Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 2Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 3Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 4Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 5Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 6Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 7Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 8Page - Aeroflex Circuit Technology BEU8637-08-S Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SCD8637-08 Rev A 3/21/08
Aeroflex Plainview
4
MIL-STD-1553B Telemetry & Commands (Each 8-cell battery)
Analog or bi-level telemetry can be requested from either
the primary or the redundant controller and reported over
the dual redundant 1553B interface with the RT addresses
configurable at the J1 and J4 connectors.
Analog Telemetry
Each analog telemetry item can be requested individually on
sub-addresses 18, 19 or 22.
First a 1553B receive command with one data word as
defined in Table I, which specifies the telemetry item being
requested, must be issued. After a minimum delay of 1.2ms,
the data can be retrieved by sending a 1553B transmit
command for one data word on the same sub-address on
which the request was initiated.
The 12-bit data reply is left justified in the 16-bit 1553B data
word with the four LSBs set to "0".
Bi-Level Telemetry
Bi-level telemetry can be requested on sub-addresses 18, 19
or 22.
First a 1553B receive command with one data word as
defined in Table II, which specifies the telemetry item being
requested, must be issued. After a minimum delay of 1.2ms,
the data can be retrieved by sending a 1553B transmit
command for one data word on the same sub-address on
which the request was initiated.
Table I – Analog Telemetry (Each 8-cell battery)
Item
Telemetry Title
Telemetry Reply
Scale
1st Data Word of
1553B Receive
Command (Hex)
1
4V Reference
-0.40V to 4.89V
0800
2
0V Reference
-0.40V to 4.89V
0803
3
Total Battery Voltage 1
0V to 61.44V
0805
4
Total Battery Voltage 2
0V to 61.44V
0806
5
Total Battery Voltage 3
0V to 61.44V
0809
6
Share Bus Voltage
0V to 5.12V
080A
7
Cell 1 Voltage
0V to 5.12V
0811
8
Cell 2 Voltage
0V to 5.12V
0812
9
Cell 3 Voltage
0V to 5.12V
0814
10
Cell 4 Voltage
0V to 5.12V
0817
11
Cell 5 Voltage
0V to 5.12V
0818
12
Cell 6 Voltage
0V to 5.12V
081B
13
Cell 7 Voltage
0V to 5.12V
081D
14
Cell 8 Voltage
0V to 5.12V
081E
15
Cell 13 Voltage
0V to 5.12V
0828
16
Cell 14 Voltage
0V to 5.12V
082B
17
Cell 15 Voltage
0V to 5.12V
082D
18
Cell 16 Voltage
0V to 5.12V
082E
19
Cell 17 Voltage
0V to 5.12V
0830
20
Cell 18 Voltage
0V to 5.12V
0833
21
Cell 19 Voltage
0V to 5.12V
0835
22
Cell 20 Voltage
0V to 5.12V
0836
23
Lowest Cell Voltage
0V to 5.12V
0871
24
Highest Cell Voltage
0V to 5.12V
0872
1/ For Battery A.
2/ For Battery B.
1/
2/
Table II – Bi-level Telemetry
Item
Telemetry Title
Status
Reply
Bit
1st Data
Word of
1553B
Receive
Command
(Hex)
1
Overvoltage Latch Status
1 = Set
D13
0C80


Similar Part No. - BEU8637-08-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12-S AEROFLEX-BEU8637-12-S Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
More results

Similar Description - BEU8637-08-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8638-08 AEROFLEX-BEU8638-08 Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8638-12 AEROFLEX-BEU8638-12 Datasheet
281Kb / 10P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8636-08 AEROFLEX-BEU8636-08 Datasheet
264Kb / 9P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8640-24 AEROFLEX-BEU8640-24 Datasheet
335Kb / 10P
   Dual Redundant Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com