Electronic Components Datasheet Search |
|
M204E2S2A30 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M204E2S2A30 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 10 page Series M Angle PC Mount Miniature Toggles www.nkk.com A69 A SMALL TOGGLES .413” (10.5mm) Bat S .256” (6.5mm) Bat S3 Important: Toggle length changes based on bushing selected. All illustrations are shown with .350” (8.9mm) long bushing. When using a .280” (7.1mm) long bushing, toggle length increases .070” (1.78mm). 25° (2.8) Dia .110 (10.5) .413 25° (2.5) .098 (6.5) .256 (4.2) .165 (5.08) .200 25° (2.54) .100 (11.4) .450 .450” (11.4mm) Flatted E .256” (6.5mm) Flatted E2 SMALL BUSHINGS (6.5) Dia .256 (5.6) .220 (0.6) .024 (6.5) Dia .256 (6.5) .256 (2.2) Dia .087 Panel Cutouts .350” (8.9mm) Smooth with Keyway S2 (0.9) .035 (8.9) .350 (6.2) Dia .244 (8.0) Dia .315 (2.5) .098 (0.8) .031 For A2, S2, A1 or S1 Bushing with Keyway For A1 or S1 Bushing with Locking Ring .350” (8.9mm) Threaded with Keyway S1 (8.0) Dia .315 (2.5) .098 (0.8) .031 (0.9) .035 (8.9) .350 1/4-40 Thd Maximum Panel Thickness with Standard Hardware: .102” (2.6mm) .280” (7.1mm) Smooth with Keyway A2 (8.0) Dia .315 (2.5) .098 (0.8) .031 (0.9) .035 (7.1) .280 (6.2) Dia .244 When using this bushing, toggle length is increased by .070” (1.78mm). A1 .280” (7.1mm) Threaded with Keyway (0.9) .035 (7.1) .280 1/4-40 Thd (8.0) Dia .315 (2.5) .098 (0.8) .031 When using this bushing, toggle length is increased by .070” (1.78mm). Maximum Panel Thickness with Standard Hardware: .031” (0.8mm) Standard Hardware: 2 Hex Nuts (AT513H) 1 Lockwasher (AT509) 1 Locking Ring (AT507H) For dimensions, see Accessories & Hardware section. Standard Material & Finish: Brass with Bright Chrome Contact factory for optional finishes. .200” (5.08mm) Bat S2 (2.7) Dia .106 25° (5.08) .200 (6.5) .256 (2.7) Dia .106 25° |
Similar Part No. - M204E2S2A30 |
|
Similar Description - M204E2S2A30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |