Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDD0824S15 Datasheet(PDF) 3 Page - XP Power Limited

Part # RDD0824S15
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDD0824S15 Datasheet(HTML) 3 Page - XP Power Limited

  RDD0824S15 Datasheet HTML 1Page - XP Power Limited RDD0824S15 Datasheet HTML 2Page - XP Power Limited RDD0824S15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RDD Series
www.xppower.com
DC-DC Converter
3
08-Oct-15
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN550121-3-2
Air ±8 kV, Contact ±6 kV
A
Radiated Immunity
EN550121-3-2
20 Vrms/m
A
EFT/Burst
EN550121-3-2
2 kV
A
External input capacitor required, see application note
Surges
EN550121-3-2
2 kV
A
External input capacitor required, see application note
Conducted Immunity
EN550121-3-2
10 V
A
Magnetic Fields
EN61000-4-8
10 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN550121-3-2
0.15-0.50 MHz, 99 dB µV
0.50-30.0 MHz, 93 dB µV
RDD0824 models also meet EN55022 Class A. See
application note to meet EN55022 Class A for RDD08110
models.
Radiated
30.0-230.0 MHz, 40 dB µV
230.0-1000.0 MHz, 47 dB µV
Mechanical Details
Application Note
RDD
+ Vout
-Vout
+ Vin
-Vin
Load
C1
C2
For RDD0824 models, C1 = 330 µF, 100 V and C2 not fitted
For RDD08110 models, C1 and C2 = 100 µF, 250 V
C1, C2, & C3 are 1 µF, 250 V multilayer ceramic Chip Capacitor, placed as close
as possible to the input pins
RDD
+ Vout
-Vout
+ Vin
-Vin
Load
C1
C2
C3
1.25
(31.75)
0.80
(20.32)
Bottom View
0.90
(22.86)
0.60
(15.24)
DIA
0.02
(0.50)
0.10
(2.54)
0.20
(5.08)
23
22
16
14
23
9
11
0.40 (10.16)
0.12 (3.05) Min.
1. All dimensions are in inches (mm)
2. Weight: 0.039 lbs (18 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
Remote On/Off Remote On/Off
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
N.C.
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
External Filter for Surge and EFT
EMI Filter for RDD08110 models


Similar Part No. - RDD0824S15

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD08-03S1U CHINFA-RDD08-03S1U Datasheet
294Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S1U CHINFA-RDD08-03S1U Datasheet
221Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S1U CHINFA-RDD08-03S1U Datasheet
201Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S1U CHINFA-RDD08-03S1U_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S2U CHINFA-RDD08-03S2U Datasheet
294Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD0824S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com