Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS6K21FRA Datasheet(PDF) 4 Page - Rohm

Part # QS6K21FRA
Description  Nch 45V 1A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS6K21FRA Datasheet(HTML) 4 Page - Rohm

  QS6K21FRA Datasheet HTML 1Page - Rohm QS6K21FRA Datasheet HTML 2Page - Rohm QS6K21FRA Datasheet HTML 3Page - Rohm QS6K21FRA Datasheet HTML 4Page - Rohm QS6K21FRA Datasheet HTML 5Page - Rohm QS6K21FRA Datasheet HTML 6Page - Rohm QS6K21FRA Datasheet HTML 7Page - Rohm QS6K21FRA Datasheet HTML 8Page - Rohm QS6K21FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
QS6K21FRA
l
Electrical characteristic curves
1
10
100
1000
0.0001
0.01
1
100
Ta=25ºC
Single Pulse
0.01
0.1
1
10
0.1
1
10
100
Ta=25ºC
Single Pulse
Mounted on a ceramic board.
(30mm × 30mm × 0.8mm)
Operation in this area
is limited by RDS(on)
(VGS = 4.5V)
PW = 100ms
PW = 1ms
PW = 10ms
DC Operation
0
20
40
60
80
100
120
0
50
100
150
200
0.001
0.01
0.1
1
10
0.0001
0.01
1
100
top D = 1
D = 0.5
D = 0.1
D = 0.05
D = 0.01
bottom Single
Ta=25ºC
Single Pulse
Rth(ch-a)=139ºC/W
Rth(ch-a)(t)=r(t)×Rth(ch-a)
Mounted on ceramic board
(30mm × 30mm × 0.8mm)
Fig.1 Power Dissipation Derating Curve
Fig.2 Maximum Safe Operating Area
Fig.3 Normalized Transient Thermal
Resistance vs. Pulse Width
Fig.4 Single Pulse Maximum
Power dissipation
Pulse Width : PW [s]
Pulse Width : PW [s]
Junction Temperature : Tj [°C]
Drain - Source Voltage : VDS [V]
4/11
2012.10 - Rev.B


Similar Part No. - QS6K21FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6K21FRA ROHM-QS6K21FRA Datasheet
2Mb / 15P
   45V NchNch Small Signal MOSFET
QS6K21FRA ROHM-QS6K21FRA_16 Datasheet
2Mb / 15P
   45V NchNch Small Signal MOSFET
More results

Similar Description - QS6K21FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K23FRA ROHM-SP8K23FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
RSS070N05FRA ROHM-RSS070N05FRA Datasheet
2Mb / 14P
   Nch 45V 7A Power MOSFET
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
   Nch 45V 4A Power MOSFET
RD3H200SNFRA ROHM-RD3H200SNFRA Datasheet
2Mb / 15P
   Nch 45V 20A Power MOSFET
SP8M24FRA ROHM-SP8M24FRA Datasheet
4Mb / 23P
   45V NchPch Power MOSFET
RTQ020N05TR ROHM-RTQ020N05TR Datasheet
524Kb / 12P
   Nch 45V 2A Power MOSFET
RD3H200SN ROHM-RD3H200SN Datasheet
2Mb / 16P
   Nch 45V 20A Power MOSFET
RTR030N05FRA ROHM-RTR030N05FRA Datasheet
2Mb / 14P
   Nch 45V 3A Middle Power MOSFET
QS6K21FRA ROHM-QS6K21FRA_16 Datasheet
2Mb / 15P
   45V NchNch Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com