Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70-W212NMA300SC-M208P Datasheet(PDF) 1 Page - Vincotech

Part # 70-W212NMA300SC-M208P
Description  Integrated DC-snubber capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA300SC-M208P Datasheet(HTML) 1 Page - Vincotech

  70-W212NMA300SC-M208P Datasheet HTML 1Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 2Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 3Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 4Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 5Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 6Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 7Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 8Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
70-W212NMA300SC-M208P
datasheet
flow MNPC 4w
1200V/300A
● Mixed voltage NPC
● Low inductive
● High power screw interface
● Integrated DC-snubber capacitors
● Solar inverter
● UPS
● High speed motor drive
● 70-W212NMA300SC-M208P
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
half bridge IGBT ( T1 , T4 )
Th=80°C
270
Tc=80°C
344
Th=80°C
646
Tc=80°C
979
tSC
Tj
≤150°C
10
µs
VCC
VGE=15V
800
V
neutral point FWD ( D2 , D3 )
Th=80°C
244
Tc=80°C
331
IFSM
698
A
I
2t
2440
A
2s
Th=80°C
357
Tc=80°C
541
Tj=Tjmax
°C
V
175
A
Tj=Tjmax
tP = 1 ms
A
Tj=25°C
600
A
°C
V
W
Power dissipation per FWD
Ptot
Collector-emitter break down voltage
Repetitive peak collector current
DC collector current
Features
flow SCREW 4w housing
Target Applications
Schematic
Types
Maximum Ratings
Condition
Tjmax
Maximum Junction Temperature
Turn off safe operating area (RBSOA)
Icmax
Gate-emitter peak voltage
IF
ICpulse
W
A
A
V
900
Power dissipation per IGBT
Ptot
VCE
IFRM
Short circuit ratings
Peak Repetitive Reverse Voltage
DC forward current
Repetitive peak forward current
Maximum Junction Temperature
Tjmax
Surge forward current
I2t-value
Tvj < 150°C
tp = 10 ms, sine halfwave
600
VCE max = 1200V
Tvj max= 150°C
Tj=Tjmax
tp limited by Tjmax
Tvj < 150°C
Tj=Tjmax
VGE
V
RRM
IC
175
600
1200
±20
copyright
by Vincotech
1
Revision: 5


Similar Part No. - 70-W212NMA300SC-M208P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA400NB02-M209P62 VINCOTECH-70-W212NMA400NB02-M209P62 Datasheet
5Mb / 30P
   High power screw interface
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
70-W212NMA600NB02-M200P62 VINCOTECH-70-W212NMA600NB02-M200P62 Datasheet
3Mb / 31P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
More results

Similar Description - 70-W212NMA300SC-M208P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600SC-M200P VINCOTECH-70-W212NMA600SC-M200P Datasheet
2Mb / 31P
   Integrated DC-snubber capacitors
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
   Snubber Capacitors
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
M1206TF EFC-M1206TF Datasheet
24Kb / 2P
   Snubber Capacitors Polypropylene
logo
Cornell Dubilier Electr...
SNU102K104R-F CDE-SNU102K104R-F Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com