Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE6214L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6214L Datasheet HTML 3Page - Infineon Technologies AG TLE6214L Datasheet HTML 4Page - Infineon Technologies AG TLE6214L Datasheet HTML 5Page - Infineon Technologies AG TLE6214L Datasheet HTML 6Page - Infineon Technologies AG TLE6214L Datasheet HTML 7Page - Infineon Technologies AG TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG TLE6214L Datasheet HTML 10Page - Infineon Technologies AG TLE6214L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Preliminary Datasheet TLE 6214 L
V2 Preliminary
Page
25.06.2003
7
SPI
The SPI is a Serial Peripheral Interface with 4 digital pins
and an 8 bit shift register. The SPI is used to configure and
program the device, turn on and off channels and to read
detailed diagnostic information.
Note: The default setting of the TLE614L is to use the the
SO/ST2 pin as status output pin for channel 2. To activate
the SO function of the SPI the command "I/O Configure" (see. SPI commands: No.3) has to be used
to reconfigure the IC. (e.g. 0111 xxxx)
SPI Signal Description:
CS - Chip Select. The system microcontroller selects the TLE 6214 L by means of the CS pin. When-
ever the pin is in a logic low state, data can be transferred from the µC and vice versa.
CS = H : Any signals at the SCLK and SI
pins are ignored and SO is forced into a
high impedance state.
CS = H L :
• diagnostic information is transferred
from the diagnosis register into the SPI
shift register. (in sleep mode no tranfer
of diagnostic information)
• serial input data can be clocked into the
SPI shift register from then on
• SO changes from high impedance state
to logic high or low state corresponding to the SO bits
CS = L : SPI is working like a shift register. With each clock signal at the SCLK pin the state of the SI is
read into the SPI shift-register (falling clock edge) and one diagnosis bit is written out of SO (rising ris-
ing edge).
CS = L H:
• transfer of SI bits from SPI shift register into the internal logic registers
• reset of diagnosis register if sent command was valid
To avoid any false clocking the serial clock input pin SCLK should be logic low state during high to low
transition of CS.
SCLK - Serial Clock. The serial clock pin clocks the internal SPI shift register of the TLE 6214 L. The
serial input (SI) accepts data into the input SPI shift register on the falling edge if while the serial output
(SO) shifts diagnostic information out of the SPI shift register on the rising edge of serial clock. It is es-
sential that the SCLK pin is in a logic low state whenever chip select CS makes any transition.
SI - Serial Input. Serial data bits are shifted in at this pin, the most significant bit (MSB) first. SI infor-
mation is read in on the falling edge . Input data is latched in the SPI shift register and then transferred
to the internal registers of the logic.
The input data consist of 8 bit, made up of x control bits and y data bits. The control word is used to
program the device, to operate it in a certain mode as well as providing diagnostic information (see SPI
Commands).
SO - Serial Output. Diagnostic data bits are shifted out serially at this pin, the most significant bit (MSB)
first. SO is in a high impedance state until the CS pin goes to a logic low state. New diagnostic data will
appear at the SO pin following the rising edge.
internal logic registers
diagnosis register
8 bit SPI shift register
SI
SO
CS
CS
MSB
MSB
LSB
LSB
Serial input
data MSB first
Serial output
(diagnosis)
MSB first
SPI
CS
SCLK
SI
SO


Similar Part No. - TLE6214L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L Datasheet
766Kb / 22P
   Smart Dual Current Sense Switch
V3.0 18.10.2004
TLE6214L INFINEON-TLE6214L_04 Datasheet
766Kb / 22P
   Smart Dual Current Sense Switch
V3.0 18.10.2004
More results

Similar Description - TLE6214L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L_04 Datasheet
766Kb / 22P
   Smart Dual Current Sense Switch
V3.0 18.10.2004
logo
International Rectifier
AUIPS7142G IRF-AUIPS7142G_15 Datasheet
154Kb / 17P
   DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
BTS640S2G INFINEON-BTS640S2G Datasheet
307Kb / 17P
   Smart Sense High-Side Power Switch
V1.1, 2008-19-08
BTS640S2 INFINEON-BTS640S2 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
logo
Infineon Technologies A...
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS740S2 INFINEON-BTS740S2 Datasheet
482Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com