Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4990-E6782 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4990-E6782
Description  Programmable Linear Output Hall Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990-E6782 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4990-E6782 Datasheet HTML 1Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 2Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 3Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 4Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 5Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 6Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 7Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 8Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Overview
Data Sheet
4
V 2.0, 2004-05
1Overview
1.1
Summary of Features
• Very linear and ratiometric rail-to-rail output signal with push-pull output
• Temperature compensation
• Low drift of output signal over temperature and lifetime
• Programmable parameters stored in fuse memory:
– magnetic range and magnetic sensitivity (gain)
– zero field voltage (offset)
– clamping option
– temperature coefficient (calibrated and fused during production)
– memory lock
• Working over temperatures from -40 °C up to 150 °C
• Single supply voltage 4.5 - 5.5 V
• Continuous measurement ranges between -200 mT and +200 mT or 0 and 400 mT
• Very slim 4-pin package with only 1mm thickness
• Reverse polarity and overvoltage protection for all pins
• Output short circuit protection
• On-board diagnostics (wire breakage detection)
• Individual programming and operation of multiple sensors with common power supply
• Two point calibration of magnetic transfer function
1.2
Target Applications
• Robust replacement of potentiometers
– No mechanical abrasion
– Resistant to humidity, temperature, pollution, and vibration
• Linear and angular position sensing in automotive applications like pedal position,
suspension control, valve or throttle position, headlight levelling, and steering angle
• High current sensing for battery management, motor control, and electronic fuse
1.3
Ordering Information
Type
Ordering Code
Package
TLE4990
Q62705-K417 1)
1) Standard type
P-SSO-4-1
TLE4990-E6782
Q62705-K668 2)
2) Completely calibrated and fused
P-SSO-4-1
TLE4990-E6785
Q62705-K741A 3)
3) Temperature coefficient 0 ppm/°C
P-SSO-4-1


Similar Part No. - TLE4990-E6782

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4990-E6782 INFINEON-TLE4990-E6782 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
More results

Similar Description - TLE4990-E6782

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com