Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-F0122PB100SC03-M819F19 Datasheet(PDF) 5 Page - Vincotech

Part # 10-F0122PB100SC03-M819F19
Description  High efficiency IGBT4 half-bridge
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F0122PB100SC03-M819F19 Datasheet(HTML) 5 Page - Vincotech

  10-F0122PB100SC03-M819F19 Datasheet HTML 1Page - Vincotech 10-F0122PB100SC03-M819F19 Datasheet HTML 2Page - Vincotech 10-F0122PB100SC03-M819F19 Datasheet HTML 3Page - Vincotech 10-F0122PB100SC03-M819F19 Datasheet HTML 4Page - Vincotech 10-F0122PB100SC03-M819F19 Datasheet HTML 5Page - Vincotech 10-F0122PB100SC03-M819F19 Datasheet HTML 6Page - Vincotech 10-F0122PB100SC03-M819F19 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
10-FZ122PB100SC03-M819F18
10-F0122PB100SC03-M819F19
target datasheet
Copyright Vincotech
5
01 Nov. 2015 / Revision 1
Date code
UL & Vinco
Lot
Serial
WWYY
UL Vinco
LLLLL
SSSS
Type&Ver
Lot number
Serial
Date code
TTTTTTTVV
LLLLL
SSSS
WWYY
Pin
X
Y
Func tion
1
0
0
DC-
2
0
2,3
DC-
3
0
4,6
DC-
4
0
6,9
DC-
5
0
15,6
DC+
12 mm housing
6
0
17,9
DC+
7
0
20,2
DC+
8
0
22,5
DC+
9
13,85
16,45
G12
10
16,75
16,45
S12
11
33,5
11,5
Ph
12
33,5
9,2
Ph
13
33,5
6,9
Ph
14
33,5
4,6
Ph
17 mm housing
15
33,5
2,3
Ph
16
33,5
0
Ph
17
13,85
13,55
Ph
18
19,55
4,95
S11
19
19,55
7,85
G11
20
33,5
22,5
Therm1
21
26,1
22,5
Therm2
Pin table [mm]
in packaging barcode as
Ordering Code & Marking
Name
NN-NNNNNNNNNNNNNN-NNNNNNNN
Outline
M819F18
10-FZ122PB100SC03-M819F18
Version
without thermal paste 17mm housing
10-F0122PB100SC03-M819F19
M819F19
M819F19
without thermal paste 12mm housing
Text
Datamatrix
M819F18
in DataMatrix as
Ordering Code
NN-NNNNNNNNNNNNNN
NNNNNNNN WWYY UL
Vinco LLLLL SSSS


Similar Part No. - 10-F0122PB100SC03-M819F19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F0122PB100SC02-M819F09 VINCOTECH-10-F0122PB100SC02-M819F09 Datasheet
266Kb / 7P
   High efficiency IGBT4 half-bridge
More results

Similar Description - 10-F0122PB100SC03-M819F19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PB100SC02-M819F08 VINCOTECH-10-FZ122PB100SC02-M819F08 Datasheet
266Kb / 7P
   High efficiency IGBT4 half-bridge
10-FZ122PB100SH01-M819F38 VINCOTECH-10-FZ122PB100SH01-M819F38 Datasheet
260Kb / 7P
   High efficiency fast IGBT4 HS half-bridge
10-FZ122PB100SH-M819F28 VINCOTECH-10-FZ122PB100SH-M819F28 Datasheet
265Kb / 7P
   High efficiency fast IGBT4 HS half-bridge
10-FZ07NIA060SM-P926F43 VINCOTECH-10-FZ07NIA060SM-P926F43 Datasheet
1Mb / 27P
   High efficiency three-level half-bridge
logo
Emerson Network Power
AEH09R48N EMERSON-NETWORKPOWER-AEH09R48N Datasheet
547Kb / 2P
   High Efficiency Half Brick
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR01HD214 IRF-IR01HD214 Datasheet
63Kb / 7P
   HIGH VOLTAGE HALF BRIDGE
logo
Emerson Network Power
AEH60 EMERSON-NETWORKPOWER-AEH60 Datasheet
1Mb / 2P
   Ultra High Efficiency Half Brick
logo
International Rectifier
IR062HD4C10U-P2 IRF-IR062HD4C10U-P2 Datasheet
50Kb / 7P
   HIGH VOLTAGE HALF BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com