Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5958-S Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # RHD5958-S
Description  RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5958-S Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  RHD5958-S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5958-S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5958-S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5958-S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5958-S Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5958-S Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5958-S Datasheet HTML 7Page - Aeroflex Circuit Technology RHD5958-S Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SCD5958 Rev A 3/6/14
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Junction Temperature
+150
°C
Supply Voltage
VCC - GND
+6.0
V
Input Voltage, PREF, NREF
VCC +0.4
GND -0.4
V
Lead Temperature (soldering, 10 seconds)
300
°C
Thermal Resistance, Junction to Case,
jc
3.5
°C/W
ESD Rating (per MIL-STD-883, Method 3015, Class 2)
2,000 - 3,999
V
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rating only;
functional operation beyond the “Operation Conditions” is not recommended and extended exposure beyond the “Operation Conditions” may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Typical
Units
+AvCC
Analog Power Supply Voltage
5.0
V
+DvCC
Digital Power Supply Voltage
5.0
V
DRVP
Digital Output High Reference Level
3.3 to 5.0
V
DRVN
Digital Output Low Reference Level
0
V
PREF
High Analog Reference Voltage
4.5
V
NREF
Low Analog Reference Voltage
0.5
V
ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, +AVCC = +5.0V, +DVCC = +5.0V, +DRVP = +5.0V)
Parameter
Symbol
Conditions
Min
Max
Units
Analog Supply Current Quiescent
AICCQ
VEN = DvCC, CLK = 0V
-
10
mA
Analog Supply Current Active
AICCA
VEN = DvCC
-10
mA
Analog Supply Current Sleep
AICCS
VEN = DGND
-4
mA
Digital Supply Current Quiescent
DICCQ
VEN = DvCC, CLK = 0V
-
1
mA
Digital Supply Current Active
DICCA
VEN = DvCC
-2
mA
Digital Supply Current Sleep
DICCS
VEN = DGND
-1
mA
Digital Output Supply Current Quiescent
IDRVPQ
VEN = DvCC, CL = 50pF, CLK = 0V
-
0.1
mA
Digital Output Supply Current Active
IDRVPA
VEN = DvCC, CL = 50pF
-
1
mA
Digital Output Supply Current Sleep
IDRVPS
VEN = DGND, CL = 50pF
-
1
mA
Full-scale Input Range
VIN
VNREF
VPREF
V
Input Capacitance 2/CIN
TC = +25°C
-
50
pF
Analog Reference Impedance
ZREF
PREF to NREF
2
6
KΩ
High Analog Reference Current
IPREF
PREF - NREF = 4V
0.67
2
mA
High Analog Reference Voltage
VPREF
DVRP = 5.0 V
VNREF
5.0
V
DVRP = 3.3 V
VNREF
5.0
Low Analog Reference Voltage
VNREF
DVRP = 5.0 V
0
VPREF
DVRP = 3.3 V
0
VPREF


Similar Part No. - RHD5958-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-201-1S AEROFLEX-RHD5950-201-1S Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-7 AEROFLEX-RHD5950-7 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-901-1S AEROFLEX-RHD5950-901-1S Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-S AEROFLEX-RHD5950-S Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
More results

Similar Description - RHD5958-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
   RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5931 AEROFLEX-RHD5931 Datasheet
295Kb / 4P
   RadHard-by-Design RHD5931 Digital-to-Analog Converter 11-Bit Buffered Output
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
logo
Texas Instruments
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com