Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ122PB040FV01-M817F98 Datasheet(PDF) 5 Page - Vincotech

Part # 10-FZ122PB040FV01-M817F98
Description  High efficiency fast Fairchild IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ122PB040FV01-M817F98 Datasheet(HTML) 5 Page - Vincotech

  10-FZ122PB040FV01-M817F98 Datasheet HTML 1Page - Vincotech 10-FZ122PB040FV01-M817F98 Datasheet HTML 2Page - Vincotech 10-FZ122PB040FV01-M817F98 Datasheet HTML 3Page - Vincotech 10-FZ122PB040FV01-M817F98 Datasheet HTML 4Page - Vincotech 10-FZ122PB040FV01-M817F98 Datasheet HTML 5Page - Vincotech 10-FZ122PB040FV01-M817F98 Datasheet HTML 6Page - Vincotech 10-FZ122PB040FV01-M817F98 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
10-FZ122PB040FV01-M817F98
10-PZ122PB040FV01-M817F98Y
target datasheet
Copyright Vincotech
5
23 Dec. 2015 / Revision 2
Date code
UL & Vinco
Lot
Serial
WWYY
UL Vinco
LLLLL
SSSS
Type&Ver
Lot number
Serial
Date code
TTTTTTTVV
LLLLL
SSSS
WWYY
Pin
X
Y
Func tion
1
0
0
DC-
2
0
2,3
DC-
3
0
4,6
DC-
4
0
6,9
DC-
5
0
15,6
DC+
6
0
17,9
DC+
7
0
20,2
DC+
8
0
22,5
DC+
9
13,85
16,45
G12
10
16,75
16,45
S12
11
33,5
11,5
Ph
12
33,5
9,2
Ph
13
33,5
6,9
Ph
14
33,5
4,6
Ph
15
33,5
2,3
Ph
16
33,5
0
Ph
17
13,85
13,55
Ph
18
19,55
4,95
S11
19
19,55
7,85
G11
20
33,5
22,5
Therm1
21
26,1
22,5
Therm2
Pin table [mm]
Ordering Code & Marking
Name
NN-NNNNNNNNNNNNNN-NNNNNNNN
Outline
Text
Datamatrix
10-PZ122PB040FV01-M817F98Y
10-FZ122PB040FV01-M817F98
Ordering Code
without thermal paste with Press-fit pins 12mm housing
without thermal paste with Solder pins 12mm housing
Version
NN-NNNNNNNNNNNNNN
NNNNNNNN WWYY UL
Vinco LLLLL SSSS


Similar Part No. - 10-FZ122PB040FV01-M817F98

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PB040FV-M817F88 VINCOTECH-10-FZ122PB040FV-M817F88 Datasheet
360Kb / 7P
   High efficiency fast Fairchild IGBT
More results

Similar Description - 10-FZ122PB040FV01-M817F98

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PB080FV-M818F88 VINCOTECH-10-FZ122PB080FV-M818F88 Datasheet
361Kb / 7P
   High efficiency fast Fairchild IGBT
10-FZ122PB040FV-M817F88 VINCOTECH-10-FZ122PB040FV-M817F88 Datasheet
360Kb / 7P
   High efficiency fast Fairchild IGBT
10-FZ122PB080FV01-M818F98 VINCOTECH-10-FZ122PB080FV01-M818F98 Datasheet
359Kb / 7P
   High efficiency fast Fairchild IGBT
logo
STMicroelectronics
BYW29G-200 STMICROELECTRONICS-BYW29G-200 Datasheet
63Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY DIODES
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
   Fast switching for high efficiency
logo
HY ELECTRONIC CORP.
HER201 HY-HER201_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER301 HY-HER301_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
logo
DIOTEC Electronics Corp...
FR151 DEC-FR151 Datasheet
665Kb / 2P
   Fast switching for high efficiency
logo
HY ELECTRONIC CORP.
HER20X HY-HER20X_V01 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
   Fast switching for high efficiency
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com