Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5904-S Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # RHD5904-S
Description  RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5904-S Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  RHD5904-S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5904-S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5904-S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5904-S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5904-S Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5904-S Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5904-S Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SCD5904 Rev A Advanced 9/26/12
Aeroflex Plainview
Inverting Amplifier
R1
R3
VOUT
VIN
+5V
R4
R2
+5V
Vbias
VOUT
VIN
R2
R1
-------
=
EN
Non Inverting Amplifier
R1
R3
VOUT
VIN
R4
R2
+5V
+5V
Vbias
VOUT
VIN 1
R2
R1
-------
+
=
EN
Note: For VOUT DC @ mid range of common mode voltage range, VBIAS = 2.5/(1+R2/R1), VBIAS = +5*R4/(R3+R4)
R1
R2
VOUT
VIN
Inverting Amplifier
VOUT
VIN
R2
R1
-------
=
-2.5V
+2.5V
EN
VIN
VOUT
R2
R1
Non Inverting Amplifier
VOUT
VIN 1
R2
R1
-------
+
=
-2.5V
+2.5V
EN
RHD5904 QUAD OPERATIONAL AMPLIFIER APPLICATION NOTES
APPLICATION NOTE 1: DUAL POWER SUPPLY AMPLIFIER
APPLICATION NOTE 2: SINGLE POWER SUPPLY AMPLIFIER


Similar Part No. - RHD5904-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-1S AEROFLEX-RHD5900-201-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-2S AEROFLEX-RHD5900-201-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-1S AEROFLEX-RHD5900-901-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-2S AEROFLEX-RHD5900-901-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
More results

Similar Description - RHD5904-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5905 AEROFLEX-RHD5905 Datasheet
303Kb / 7P
   RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
RHD5902 AEROFLEX-RHD5902 Datasheet
304Kb / 7P
   RadHard-by-Design RHD5902 Quad Operational Amplifier High Speed with Enables
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
   RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
logo
Fairchild Semiconductor
UA725 FAIRCHILD-UA725 Datasheet
397Kb / 12P
   INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP05 AD-OP05_15 Datasheet
428Kb / 8P
   instrumentation Operational Amplifier
OP05AJ AD-OP05AJ Datasheet
426Kb / 8P
   Instrumentation Operational Amplifier
OP-05 AD-OP-05 Datasheet
424Kb / 8P
   Instrumentation Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com