Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4942-2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4942-2
Description  Differential Two-Wire Hall Effect Sensor IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942-2 Datasheet(HTML) 8 Page - Infineon Technologies AG

  TLE4942-2 Datasheet HTML 1Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLE4942-2, TLE4942-2C Supplement
TLE4942-2 - TLE4942-2C Data sheet supplement
February 2002
8
Parameter
Symbol
min.
typ.
max.
Unit
Conditions
Jitter during startup
and uncalibrated
mode
SJitClose
(1
σ-value)
± 3
± 4
%
%
-40°C
≤T
amb
≤ 150°C:
150°C
≤T
amb
≤ 170°C:
SJitFar
(1
σ-value)
± 5
± 7
%
%
-40°C
≤T
amb
≤ 150°C
150°C
≤T
amb
≤170°C
SJitAC
(1
σ-value)
± 3
%
see TLE 4942 spec
Magnetic field
amplitude change
necessary for early
startup of the –2
Versions
startup
early
Limit,
B
ˆ
%
X
B
ˆ
?
*
2
Limit +
>
(X
= 10)
startup
early
Limit,
B
ˆ
0.7
0.7
1.6
+10%
1.76
3.0
+10%
3.3
mT
mT
These magnetic field
changes are necessary
for startup with the
second magnetic edge
Permitted time for
edges to exceed
startup
early
Limit,
B
ˆ
startup
early
slow
Limit,
t
590
ms
necessary for startup
with the second edge
f < 1s
Behaviour at magnetic input signals slower than Tstop (self-calibration time period):
Unlike the TLE4941 magnetic changes exceeding
startup
early
Limit,
B
ˆ
can cause output switching
of the TLE4941-2, even at f significantly lower than 1Hz. Depending on their amplitude edges
slower than
startup
early
slow
Limit,
t
might be detected. If the digital noise constant (
startup
early
Limit,
B
ˆ
)
is not exceeded before a new initial self-calibration is started, the output of the corresponding
edge will be inhibited. This depends on signal amplitude and initial phase.
3
Additional remarks
All additional parameters for TLE4942-2 are guaranteed by design, based on lab
characterisations. For series production additional to the parameters of TLE4942
(standard type) only nDZ-start is tested.


Similar Part No. - TLE4942-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
   Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4942-1C INFINEON-TLE4942-1C Datasheet
713Kb / 31P
   Differential Two-Wire Hall Effect Sensor-IC
V4.0, February 2010
TLE4942-1C INFINEON-TLE4942-1C Datasheet
423Kb / 32P
   Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
More results

Similar Description - TLE4942-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
   Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
   Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
TLE4941-2 INFINEON-TLE4941-2 Datasheet
810Kb / 8P
   Differential Two-Wire Hall Effect Sensor IC
February 2002
TLE4942-1C INFINEON-TLE4942-1C Datasheet
713Kb / 31P
   Differential Two-Wire Hall Effect Sensor-IC
V4.0, February 2010
TLE4942 INFINEON-TLE4942 Datasheet
899Kb / 18P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com