Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8K33FRA Datasheet(PDF) 1 Page - Rohm

Part # SP8K33FRA
Description  4V Drive NchNch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K33FRA Datasheet(HTML) 1 Page - Rohm

  SP8K33FRA Datasheet HTML 1Page - Rohm SP8K33FRA Datasheet HTML 2Page - Rohm SP8K33FRA Datasheet HTML 3Page - Rohm SP8K33FRA Datasheet HTML 4Page - Rohm SP8K33FRA Datasheet HTML 5Page - Rohm SP8K33FRA Datasheet HTML 6Page - Rohm SP8K33FRA Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SP8K33
Transistors
1/4
4V Drive Nch+Nch MOSFET
SP8K33
Structure
Silicon N-channel MOSFET
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small surface Mount Package (SOP8).
Application
Switching
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
SP8K33
TB
2500
Type
Absolute maximum ratings (Ta=25°C)
<It is the same ratings for the Tr1 and Tr2.>
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W/TOTAL
PD
°C
Tch
°C
Tstg
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of storage temperature
Continuous
Pulsed
Continuous
Source current
(Body diode)
Pulsed
∗1 Pw 10µs, Duty cycle 1%
∗2 Mounted on a ceramic board.
60
±20
±5.0
±20
1.0
20
2.0
150
−55 to +150
Limits
Each lead has same dimensions
SOP8
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
(1) (2) (3) (4)
(8) (7) (6) (5)
∗2
∗1
∗2
∗1
(8)
(7)
(1)
(2)
(6)
(5)
(3)
(4)
∗A protection diode is included between the gate and
the source terminals to protect the diode against static
electricity when the product is in use. Use the protection
circuit when the fixed voltages are exceeded.
Dimensions (Unit : mm)
Inner circuit
SP8K33FRA
SP8K33FRA
SP8K33FRA
AEC-Q101 Qualified


Similar Part No. - SP8K33FRA

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K33-TB VBSEMI-SP8K33-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SP8K33FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com