Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27A Datasheet(PDF) 8 Page - Texas Instruments

Part # LM27A
Description  Factory Preset Thermostat
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27A Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM27A_13 Datasheet HTML 2Page - Texas Instruments LM27A_13 Datasheet HTML 3Page - Texas Instruments LM27A_13 Datasheet HTML 4Page - Texas Instruments LM27A_13 Datasheet HTML 5Page - Texas Instruments LM27A_13 Datasheet HTML 6Page - Texas Instruments LM27A_13 Datasheet HTML 7Page - Texas Instruments LM27A_13 Datasheet HTML 8Page - Texas Instruments LM27A_13 Datasheet HTML 9Page - Texas Instruments LM27A_13 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
5V
5V
LM27
V+
VTEMP
R1
(10k)
0.1
OS
Heater
Heater
Supply
GND
HYST
5V
5V
5V Fan
MC05J3
Comair-Rotron
IC2
LM27
V+
VTEMP
GND
HYST
OS
100k
NDS356P
8:
IC1
LM3886
47k
20k
1k
THERMALLY COUPLED
+28V
-28V
-
+
Audio
Input
10PF
3.3PF
1N4001
0.1PF
5V
Vout
12V
TOYO
USTF802512HW
LM27
V+
VTEMP
GND
HYST
R1
(10k)
0.1
OS
1N4001
2N2222
OBSOLETE
LM27A
SNOSAQ6D – MAY 2005 – REVISED APRIL 2013
www.ti.com
Figure 5. Fan Low Side Drive
Figure 6. Audio Power Amplifier Thermal Protection
Figure 7. Simple Thermostat
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM27A


Similar Part No. - LM27A_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results

Similar Description - LM27A_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com