Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGTH60TS65D Datasheet(PDF) 3 Page - Rohm

Part # RGTH60TS65D
Description  650V 30A Field Stop Trench IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH60TS65D Datasheet(HTML) 3 Page - Rohm

  RGTH60TS65D Datasheet HTML 1Page - Rohm RGTH60TS65D Datasheet HTML 2Page - Rohm RGTH60TS65D Datasheet HTML 3Page - Rohm RGTH60TS65D Datasheet HTML 4Page - Rohm RGTH60TS65D Datasheet HTML 5Page - Rohm RGTH60TS65D Datasheet HTML 6Page - Rohm RGTH60TS65D Datasheet HTML 7Page - Rohm RGTH60TS65D Datasheet HTML 8Page - Rohm RGTH60TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH60TS65D
lIGBT Electrical Characteristics (at T
j = 25°C unless otherwise specified)
Reverse Bias Safe Operating Area
RBSOA
IC = 120A, VCC = 520V
FULL SQUARE
-
VP = 650V, VGE = 15V
RG = 60Ω, Tj = 175°C
-
120
-
Fall Time
tf
Inductive Load
-
59
-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-
40
-
Turn - off Delay Time
td(off)
Tj = 175°C
Turn - on Delay Time
td(on)
IC = 30A, VCC = 400V
-
27
-
-
105
-
Fall Time
tf
Inductive Load
-
47
-
Turn - on Delay Time
td(on)
IC = 30A, VCC = 400V
-
27
-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-
40
-
Turn - off Delay Time
td(off)
Tj = 25°C
nC
Gate - Emitter Charge
Qge
IC = 30A
-
15
-
Gate - Collector Charge
Qgc
VGE = 15V
-
20
-
-
27
-
Total Gate Charge
Qg
VCE = 300V
-
58
-
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
pF
Output Capacitance
Coes
VGE = 0V
-
66
-
Reverse Transfer Capacitance
Cres
f = 1MHz
Input Capacitance
Cies
VCE = 30V
-
1670
-
3/11
2014.05 - Rev.B


Similar Part No. - RGTH60TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
More results

Similar Description - RGTH60TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
   650V 30A Field Stop Trench IGBT
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
   650V 30A Field Stop Trench IGBT
RGS60TS65D ROHM-RGS60TS65D Datasheet
901Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
   650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com