Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV921 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV921
Description  Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV921 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV921 Datasheet HTML 6Page - Texas Instruments LMV921 Datasheet HTML 7Page - Texas Instruments LMV921 Datasheet HTML 8Page - Texas Instruments LMV921 Datasheet HTML 9Page - Texas Instruments LMV921 Datasheet HTML 10Page - Texas Instruments LMV921 Datasheet HTML 11Page - Texas Instruments LMV921 Datasheet HTML 12Page - Texas Instruments LMV921 Datasheet HTML 13Page - Texas Instruments LMV921 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
OBSOLETE
LMV921, LMV922, LMV924
SNOS436H – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
*For large signal pulse response in the unity gain follower configuration, the input is 5mV below the positive rail and 5mV
above the negative rail at 25°C and 85°C. At
−40°C, input is 10mV below the positive rail and 10mV above the negative rail.
Output Voltage Swing vs. Supply Voltage
Gain and Phase Margin vs. Frequency
Figure 13.
Figure 14.
Gain and Phase Margin vs. Frequency
Gain and Phase Margin vs. Frequency
Figure 15.
Figure 16.
Gain and Phase Margin vs. Frequency
Gain and Phase Margin vs. Frequency
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV921 LMV922 LMV924


Similar Part No. - LMV921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
   1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
LMV921 NSC-LMV921 Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
LMV921M5 NSC-LMV921M5 Datasheet
736Kb / 27P
   1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
LMV921M5 NSC-LMV921M5 Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
LMV921M5X NSC-LMV921M5X Datasheet
736Kb / 27P
   1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
More results

Similar Description - LMV921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
   1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
TECH PUBLIC Electronics...
TPNCS20082DMR2G TECHPUBLIC-TPNCS20082DMR2G Datasheet
3Mb / 13P
   1MHz,Low Power,1.8V,CMOS, Rail toRail Dual Operational Amplifier
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com