Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4913 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4913
Description  Low Power Hall Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4913 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4913 Datasheet HTML 1Page - Infineon Technologies AG TLE4913 Datasheet HTML 2Page - Infineon Technologies AG TLE4913 Datasheet HTML 3Page - Infineon Technologies AG TLE4913 Datasheet HTML 4Page - Infineon Technologies AG TLE4913 Datasheet HTML 5Page - Infineon Technologies AG TLE4913 Datasheet HTML 6Page - Infineon Technologies AG TLE4913 Datasheet HTML 7Page - Infineon Technologies AG TLE4913 Datasheet HTML 8Page - Infineon Technologies AG TLE4913 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
4
V 2.2, 2004-03-09
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Supply Voltage
VS
– 0.3
5.5
V
Supply Current
IS
– 1
2.5
mA
Output Voltage
VQ
– 0.3
5.5
V
Output Current
IQ
– 1
2
mA
Junction temperature
Tj
– 40
150
°C
Storage temperature
TS
– 40
150
°C
Magnetic Flux Density
B
unlimited
mT
Thermal Resistance
P-SC59-3-x
Rth JA
35
K/W
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
ESD Protection
Human Body Model (HBM) tests according to:
EOS/ESD Association Standard S5.1-1993 and Mil. Std. 883D method 3015.7
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
ESD Voltage
VESD
± 4
kV
R = 1.5 k
Ω,
C = 100 pF;
T = 25 °C


Similar Part No. - TLE4913

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4910G SIEMENS-TLE4910G Datasheet
290Kb / 11P
   HALL-EFFECT IC WITH ANALOG OUTPUT
logo
Infineon Technologies A...
TLE4916-1K INFINEON-TLE4916-1K Datasheet
1Mb / 16P
   Low Power Automotive Hall Switch
Rev.1.0, 2010-02-23
TLE4917 INFINEON-TLE4917 Datasheet
259Kb / 13P
   Low Power Hall Switch
2002-08-22
TLE4917 INFINEON-TLE4917 Datasheet
263Kb / 13P
   Low Power Hall Switch
2002-08-22
TLE4917 INFINEON-TLE4917_06 Datasheet
263Kb / 13P
   Low Power Hall Switch
2002-08-22
More results

Similar Description - TLE4913

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4917 INFINEON-TLE4917 Datasheet
259Kb / 13P
   Low Power Hall Switch
2002-08-22
TLE4917 INFINEON-TLE4917_06 Datasheet
263Kb / 13P
   Low Power Hall Switch
2002-08-22
logo
AiT Semiconductor Inc.
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
   HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
   Low power Hall Effect Switch
logo
Infineon Technologies A...
TLE4916-1K INFINEON-TLE4916-1K Datasheet
1Mb / 16P
   Low Power Automotive Hall Switch
Rev.1.0, 2010-02-23
logo
Unisonic Technologies
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
   LOW POWER HALL EFFECT SWITCH
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
   LOW POWER HALL EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com