Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2476 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2476 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2476 Datasheet HTML 3Page - Texas Instruments LM2476 Datasheet HTML 4Page - Texas Instruments LM2476 Datasheet HTML 5Page - Texas Instruments LM2476 Datasheet HTML 6Page - Texas Instruments LM2476 Datasheet HTML 7Page - Texas Instruments LM2476 Datasheet HTML 8Page - Texas Instruments LM2476 Datasheet HTML 9Page - Texas Instruments LM2476 Datasheet HTML 10Page - Texas Instruments LM2476 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OBSOLETE
LM2476
www.ti.com
SNOSAH7B – JANUARY 2004 – REVISED APRIL 2013
THEORY OF OPERATION
The LM2476 is a high voltage monolithic three channel CRT driver and triple bias clamp suitable for low-cost
color monitor applications. The LM2476 operates with 85V and 8V power supplies. The part is housed in the 19-
lead TO-220 molded plastic power package. The pinout and internal connection diagram is shown in .
The CRT Driver circuit diagram is shown in . The PNP emitter follower, Q5, provides input buffering. Q1 and Q2
form a fixed gain cascode amplifier with resistors R1 and R2 setting the gain at
−27. Emitter followers Q3 and Q4
isolate the high output impedance of the cascode stage from the capacitance of the CRT cathode which
decreases the sensitivity of the device to load capacitance. Q6 provides biasing to the output emitter follower
stage to reduce crossover distortion at low signal levels. The typical driver DC transfer function is shown in
Figure 4.
The Bias Clamp circuit diagram is shown in Figure 2. The clamp circuit amplifies the DC inputs, VINC, by the
internally fixed gain of –16.5. Each clamp output, VOUTC, will require a pull-up resistor to VCC. The typical clamp
DC transfer function is shown in Figure 5.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2476


Similar Part No. - LM2476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results

Similar Description - LM2476

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
   Monolithic Triple 5.5 ns High Gain CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com