Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJP2145 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FJP2145
Description  ESBCTM Rated NPN Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJP2145 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FJP2145 Datasheet HTML 1Page - Fairchild Semiconductor FJP2145 Datasheet HTML 2Page - Fairchild Semiconductor FJP2145 Datasheet HTML 3Page - Fairchild Semiconductor FJP2145 Datasheet HTML 4Page - Fairchild Semiconductor FJP2145 Datasheet HTML 5Page - Fairchild Semiconductor FJP2145 Datasheet HTML 6Page - Fairchild Semiconductor FJP2145 Datasheet HTML 7Page - Fairchild Semiconductor FJP2145 Datasheet HTML 8Page - Fairchild Semiconductor FJP2145 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP2145 Rev. 1.1
4
ESBC-Configured Electrical Characteristics(6)
Values are at TA = 25°C unless otherwise noted.
Note:
6. A typical FDC655 MOSFET was used for the specifications above. Values could vary if other Fairchild MOSFETs
are used.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
fT
Current Gain Bandwidth
Product
IC = 0.1 A,VCE = 10 V
28.40
MHz
Itf
Inductive Current Fall Time
VCC = 100 V, VGS = 10 V, RG = 4 7Ω,
VClamp = 500 V, IC = 0.5 A,
IB = 0.05 A, HFE = 10, LC = 166 μH,
SRF = 684 kHz
95
ns
ts
Inductive Storage Time
0.13
ns
Vtf
Inductive Voltage Fall Time
135
ns
Vtr
Inductive Voltage Rise Time
80
ns
tc
Inductive Crossover Time
115
ns
Itf
Inductive Current Fall Time
VCC = 100 V, VGS = 10 V, RG = 47 Ω,
VClamp = 500 V, IC = 1 A,
IB = 0.2 A, HFE = 5, LC = 166 μH,
SRF = 684 kHz
50
ns
ts
Inductive Storage Time
0.34
ns
Vtf
Inductive Voltage Fall Time
150
ns
Vtr
Inductive Voltage Rise Time
60
ns
tc
Inductive Crossover Time
95
ns
VCSW
Maximum Collector-Source
Voltage at Turn-off without
Snubber
hFE = 5, IC = 2 A
1100
V
IGS(OS)
Gate-Source Leakage
Current
VGS = ± 20 V
1nA
VCS(ON)
Collector-Source On
Voltage
VGS = 10 V, IC = 2 A, IB = 0.67 A, hFE = 3
0.202
V
VGS = 10 V, IC = 1 A, IB = 0.33 A, hFE = 3
0.111
V
VGS = 10 V, IC = 0.5 A, IB = 0.17 A, hFE = 3
0.067
V
VGS = 10 V, IC = 0.3 A, IB = 0.06 A, hFE = 5
0.060
V
VGS(th)
Gate Threshold Voltage
VBS = VGS, IB = 250 μA
1.9
V
Ciss
Input Capacitance
(VGS = VCB = 0)
VCS = 25 V, f = 1 MHz
470
pF
QGS(tot)
Gate-Source Change
VCB = 0
VGS = 10 V, IC = 6.3 A, VCS = 25 V
9nC
RDS(ON)
Static Drain-to-Source
On Resistance
VGS = 10 V, ID = 6.3 A
21
m
Ω
VGS = 4.5 V, ID = 5.5 A
26
m
Ω
VGS = 10 V, ID = 6.3 A, TJ = 125°C
30
m
Ω


Similar Part No. - FJP2145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP2160D FAIRCHILD-FJP2160D Datasheet
708Kb / 12P
   ESBCTM Rated NPN Silicon Transistor
More results

Similar Description - FJP2145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJAFS1720 FAIRCHILD-FJAFS1720 Datasheet
716Kb / 12P
   ESBCTM Rated NPN Power Transistor
FJPF2145 FAIRCHILD-FJPF2145 Datasheet
762Kb / 12P
   ESBCTM Rated NPN Power Transistor
FJBE2150D FAIRCHILD-FJBE2150D Datasheet
678Kb / 13P
   ESBCTM Rated NPN Silicon Transistor
FJP2160D FAIRCHILD-FJP2160D Datasheet
708Kb / 12P
   ESBCTM Rated NPN Silicon Transistor
logo
ON Semiconductor
FJPF2145 ONSEMI-FJPF2145 Datasheet
853Kb / 14P
   Rated NPN Power Transistor
April 2013 Rev. 1.0.0
logo
Fairchild Semiconductor
FJAFS1510A FAIRCHILD-FJAFS1510A Datasheet
736Kb / 12P
   ESBC??Rated NPN Power Transistor
logo
ON Semiconductor
FJAFS1510A ONSEMI-FJAFS1510A Datasheet
860Kb / 14P
   ESBC Rated NPN Power Transistor
November 2012 Rev. A2
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com