Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGD5T120SH Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGD5T120SH
Description  1200 V, 5 A FS Trench IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGD5T120SH Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGD5T120SH Datasheet HTML 1Page - Fairchild Semiconductor FGD5T120SH Datasheet HTML 2Page - Fairchild Semiconductor FGD5T120SH Datasheet HTML 3Page - Fairchild Semiconductor FGD5T120SH Datasheet HTML 4Page - Fairchild Semiconductor FGD5T120SH Datasheet HTML 5Page - Fairchild Semiconductor FGD5T120SH Datasheet HTML 6Page - Fairchild Semiconductor FGD5T120SH Datasheet HTML 7Page - Fairchild Semiconductor FGD5T120SH Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2015 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FGD5T120SH Rev. 1.0
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteritics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
246
8
10
0
3
6
9
12
15
7V
VGE = 17V
11V
TC = 25
oC
15V
13V
9V
Collector-Emitter Voltage, VCE [V]
02
468
10
0
3
6
9
12
VGE = 17V
9V
7V
TC = 150
oC
15V
13V
11V
Collector-Emitter Voltage, VCE [V]
0
2468
10
0
3
6
9
12
15
Common Emitter
VGE = 15V
TC = 25
oC
TC = 150
oC
Collector-Emitter Voltage, VCE [V]
04
8
12
16
0
3
6
9
12
15
150
oC
-40
oC
TC = 25
oC
Common Emitter
VCE = 20V
Gate-Emitter Voltage,VGE [V]
25
50
75
100
125
150
2
4
6
8
10
10A
5A
IC = 3A
Common Emitter
VGE = 15V
Collector-Emitter Case Temperature, TC [
oC]
4
8
12
16
20
0
4
8
12
16
20
IC = 3A
5A
10A
Common Emitter
T
C = -40
oC
Gate-Emitter Voltage, VGE [V]


Similar Part No. - FGD5T120SH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGD2040G3-F085 ONSEMI-FGD2040G3-F085 Datasheet
130Kb / 6P
   EcoSPARK 3 Ignition IGBT 200 mJ, 400 V, N-Channel Ignition IGBT
February, 2022-Rev. P0
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
FGD2736G3_F085 ONSEMI-FGD2736G3_F085 Datasheet
990Kb / 10P
   N-Channel Ignition IGBT
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FGD2N40 FAIRCHILD-FGD2N40 Datasheet
224Kb / 6P
   400V N-Channel Logic Level IGBT
FGD2N40L FAIRCHILD-FGD2N40L Datasheet
224Kb / 6P
   400V N-Channel Logic Level IGBT
More results

Similar Description - FGD5T120SH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH40T120SMDL4 ONSEMI-FGH40T120SMDL4 Datasheet
592Kb / 10P
   IGBT - FS, Trench 1200 V, 40 A
December, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FGA25N120ANTDTU FAIRCHILD-FGA25N120ANTDTU Datasheet
786Kb / 9P
   1200 V, 25 A NPT Trench IGBT
logo
ON Semiconductor
FGA25N120ANTDTU ONSEMI-FGA25N120ANTDTU Datasheet
1Mb / 9P
   1200 V, 25 A NPT Trench IGBT
October-2017,Rev.3
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
   1200 V, 25 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
logo
Nihon Inter Electronics...
PHMB300BS12 NIEC-PHMB300BS12 Datasheet
276Kb / 3P
   IGBT 300 A 1200 V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com