Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA3060ADF Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGA3060ADF
Description  600 V, 30 A Field Stop Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA3060ADF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGA3060ADF Datasheet HTML 1Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 2Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 3Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 4Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 5Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 6Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 7Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 8Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2015 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FGA3060ADF Rev. 1.0
Thermal Characteristics
Package Marking and Ordering Information
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Symbol
Parameter
FGA3060ADF
Unit
RJC(IGBT)
Thermal Resistance, Junction to Case, Max.
0.85
oC/W
RJC(Diode)
Thermal Resistance, Junction to Case, Max.
5
oC/W
RJA
Thermal Resistance, Junction to Ambient, Max.
40
oC/W
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FGA3060ADF
FGA3060ADF
TO-3PN
Tube
-
-
30
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
BVCES
Collector to Emitter Breakdown Voltage VGE = 0 V, IC = 1 mA
600
-
-
V
BVCES
TJ
Temperature Coefficient of Breakdown
Voltage
IC = 1 mA, Reference to 25oC
-0.52
-
V/oC
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0 V
-
-
250
A
IGES
G-E Leakage Current
VGE = VGES, VCE = 0 V
-
-
±400
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 30 mA, VCE = VGE
4.1
5.6
7.6
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 30 A, VGE = 15 V
-1.8
2.3
V
IC = 30 A, VGE = 15 V,
TC = 175oC
-2.4
-
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30 V, VGE = 0 V,
f = 1MHz
-
1072
-
pF
Coes
Output Capacitance
-
36
-
pF
Cres
Reverse Transfer Capacitance
-
13
-
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 400 V, IC = 30 A,
RG = 6 , VGE = 15 V,
Inductive Load, TC = 25oC
-12
-
ns
tr
Rise Time
-
19.2
-
ns
td(off)
Turn-Off Delay Time
-
42.4
-
ns
tf
Fall Time
-
7.2
-
ns
Eon
Turn-On Switching Loss
-
960
-
uJ
Eoff
Turn-Off Switching Loss
-
165
-
uJ
Ets
Total Switching Loss
-
1125
-
uJ
td(on)
Turn-On Delay Time
VCC = 400 V, IC = 30 A,
RG = 6 , VGE = 15 V,
Inductive Load, TC = 175oC
-12.8
-
ns
tr
Rise Time
-
27.2
-
ns
td(off)
Turn-Off Delay Time
-
46.4
-
ns
tf
Fall Time
-
12.8
-
ns
Eon
Turn-On Switching Loss
-
1430
-
uJ
Eoff
Turn-Off Switching Loss
-
310
-
uJ
Ets
Total Switching Loss
-
1740
-
uJ


Similar Part No. - FGA3060ADF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA30N120FTD FAIRCHILD-FGA30N120FTD Datasheet
614Kb / 9P
   1200V, 30A Trench IGBT
FGA30N120FTDTU FAIRCHILD-FGA30N120FTDTU Datasheet
614Kb / 9P
   1200V, 30A Trench IGBT
FGA30N60LSD FAIRCHILD-FGA30N60LSD Datasheet
774Kb / 9P
   MOSFETs and bipolar transistors
FGA30N60LSDTU FAIRCHILD-FGA30N60LSDTU Datasheet
774Kb / 9P
   MOSFETs and bipolar transistors
FGA30N65SMD FAIRCHILD-FGA30N65SMD Datasheet
337Kb / 10P
   650 V, 30 A Field Stop IGBT
More results

Similar Description - FGA3060ADF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
logo
ON Semiconductor
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
   Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
STMicroelectronics
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
November 2016 Rev 3
logo
Fairchild Semiconductor
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
   600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
   600 V, 40 A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com