Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA3060ADF Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGA3060ADF
Description  600 V, 30 A Field Stop Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA3060ADF Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGA3060ADF Datasheet HTML 1Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 2Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 3Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 4Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 5Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 6Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 7Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 8Page - Fairchild Semiconductor FGA3060ADF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2015 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FGA3060ADF Rev. 1.0
Typical Performance Characteristics
Figure 13. Turn-off Characteristics vs.
Figure 14. Switching Loss vs.
Collector Current
Collector Current
Figure 15. Load Current Vs. Frequency
Figure 16. SOA Characteristics
Figure 17. Forward Characteristics
Figure 18. Reverse Recovery Current
0
153045
607590
1
10
100
300
Common Emitter
VGE = 15V, RG = 6
T
C = 25
oC
T
C = 175
oC
td(off)
t
f
Collector Current, IC [A]
0
15
3045607590
10
100
1000
10000
Common Emitter
V
GE = 15V, RG = 6
T
C = 25
oC
T
C = 175
oC
E
on
E
off
Collector Current, IC [A]
1k
10k
100k
1M
0
50
100
150
T
C = 75
oC
T
C = 25
oC
T
C = 100
oC
Square Wave
T
J <= 175
oC, D = 0.5, V
CE = 400V
V
GE = 15/0V, RG = 6
Switching Frequency, f[Hz]
1
10
100
1000
0.1
1
10
100
DC
1ms
10 ms
*Notes:
1. TC = 25
oC
2. TJ = 175
oC
3. Single Pulse
10s
100s
Collector-Emitter Voltage, VCE [V]
01
23
0.1
1
10
20
TC = 75
oC
TC = 25
oC
TC = 25
oC
TC = 75
oC
TC = 175
oC
TC = 175
oC
Forward Voltage, VF [V]
02
46
8
10
1
2
3
4
5
TC = 25
oC
TC = 175
oC ---
di/dt = 100A/s
di/dt = 200A/s
di/dt = 100A/s
di/dt = 200A/s
Forward Current, IF [A]


Similar Part No. - FGA3060ADF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA30N120FTD FAIRCHILD-FGA30N120FTD Datasheet
614Kb / 9P
   1200V, 30A Trench IGBT
FGA30N120FTDTU FAIRCHILD-FGA30N120FTDTU Datasheet
614Kb / 9P
   1200V, 30A Trench IGBT
FGA30N60LSD FAIRCHILD-FGA30N60LSD Datasheet
774Kb / 9P
   MOSFETs and bipolar transistors
FGA30N60LSDTU FAIRCHILD-FGA30N60LSDTU Datasheet
774Kb / 9P
   MOSFETs and bipolar transistors
FGA30N65SMD FAIRCHILD-FGA30N65SMD Datasheet
337Kb / 10P
   650 V, 30 A Field Stop IGBT
More results

Similar Description - FGA3060ADF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
logo
ON Semiconductor
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
   Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
STMicroelectronics
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
November 2016 Rev 3
logo
Fairchild Semiconductor
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
   600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
   600 V, 40 A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com