Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4241 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4241
Description  LED Driver with Adjustable Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4241 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4241 Datasheet HTML 4Page - Infineon Technologies AG TLE4241 Datasheet HTML 5Page - Infineon Technologies AG TLE4241 Datasheet HTML 6Page - Infineon Technologies AG TLE4241 Datasheet HTML 7Page - Infineon Technologies AG TLE4241 Datasheet HTML 8Page - Infineon Technologies AG TLE4241 Datasheet HTML 9Page - Infineon Technologies AG TLE4241 Datasheet HTML 10Page - Infineon Technologies AG TLE4241 Datasheet HTML 11Page - Infineon Technologies AG TLE4241 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
8
Rev. 1.2, 2004-04-13
TLE 4241 GM
Table 4
Electrical Characteristics
9V
V
I ≤ 16 V; RREF = 10 kΩ; VPWM VPWM,H; -40 °C < Tj < 150 °C; all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Current consumption off
mode
I
qOFF
–0.1
2
µA
PWM = L,
T
J < 85 °C;
V
I ≤ 13.5 V
Current consumption
I
qL
5
10
mA
SET = L;
V
Q = 6 V
Current consumption
I
qH
6
10
mA
SET = H;
V
Q = 6 V
Current consumption
open load
I
qL,O
10
mA
SET = L;
V
Q open
Current consumption
open load
I
qH,O
10
mA
SET = H;
V
Q open
Output
Output current
I
Q
6.7
8.4
10
mA
SET = L,
V
Q = 6 V
–8.6
–mA
SET = L,
V
Q = 4 V
Output current
I
Q
47
58.5
70
mA
SET = H,
V
Q = 6 V
60.0
mA
SET = H,
V
Q = 4 V
Current Ratio
I
QH/IQL
67
8–
Output current limit
I
Qmax
83
mA
SET = L;
R
REF = 0 Ω
Output current limit
I
Qmax
83
mA
SET = H;
R
REF = 0 Ω
Drop voltage
V
dr
0.2
0.5
V
SET = L;
I
Q = 80% of IQ,nom,L
Drop voltage
V
dr
0.3
0.5
V
SET = H;
I
Q = 80% of IQ,nom,H
PWM Input
PWM high level
V
PWM,H
2.0
V
PWM low level
V
PWM,L
––
0.5
V
PWM input current
high level
I
PWM,H
220
500
µA
V
PWM = 5.0 V
PWM input current
low level
I
PWM,L
-10
10
µA
V
PWM = 0.0 V
Turn on delay time
t
PWM,ON
05
30
µs
20%/80%
I
Q, see
Figure 4


Similar Part No. - TLE4241

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM Datasheet
137Kb / 15P
   Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM_15 Datasheet
137Kb / 15P
   Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
More results

Similar Description - TLE4241

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
QX Micro Devices Co.,Lt...
QX7136 QXMD-QX7136 Datasheet
2Mb / 2P
   LED constant current driver with adjustable output current
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com