Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNC42060F Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FNC42060F
Description  Motion SPMR 45 Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNC42060F Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FNC42060F Datasheet HTML 7Page - Fairchild Semiconductor FNC42060F Datasheet HTML 8Page - Fairchild Semiconductor FNC42060F Datasheet HTML 9Page - Fairchild Semiconductor FNC42060F Datasheet HTML 10Page - Fairchild Semiconductor FNC42060F Datasheet HTML 11Page - Fairchild Semiconductor FNC42060F Datasheet HTML 12Page - Fairchild Semiconductor FNC42060F Datasheet HTML 13Page - Fairchild Semiconductor FNC42060F Datasheet HTML 14Page - Fairchild Semiconductor FNC42060F Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
©2013 Fairchild Semiconductor Corporation
11
www.fairchildsemi.com
FNC42060F / FNC42060F2 Rev. C3
Time Charts of Protective Function
a1 : Control supply voltage rises: after the voltage rises UVCCR, the circuits start to operate when next input is applied.
a2 : Normal operation: IGBT ON and carrying current.
a3 : Under-voltage detection (UVCCD).
a4 : IGBT OFF in spite of control input condition.
a5 : Fault output operation starts.
a6 : Under-voltage reset (UVCCR).
a7 : Normal operation: IGBT ON and carrying current.
Figure 11. Under-Voltage Protection (Low-Side)
b1 : Control supply voltage rises: after the voltage reaches UVBSR, the circuits start to operate when next input is applied.
b2 : Normal operation: IGBT ON and carrying current.
b3 : Under-voltage detection (UVBSD).
b4 : IGBT OFF in spite of control input condition, but there is no fault output signal.
b5 : Under-voltage reset (UVBSR).
b6 : Normal operation: IGBT ON and carrying current.
Figure 12. Under-Voltage Protection (High-Side)
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
CCR
Protection
Circuit State
SET
RESET
UV
CCD
a1
a3
a2
a4
a6
a5
a7
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
BSR
Protection
Circuit State
SET
RESET
UV
BSD
b1
b3
b2
b4
b6
b5
High-level (no fault output)


Similar Part No. - FNC42060F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNC42060F ONSEMI-FNC42060F Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
FNC42060F ONSEMI-FNC42060F Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
FNC42060F2 ONSEMI-FNC42060F2 Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
FNC42060F2 ONSEMI-FNC42060F2 Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
More results

Similar Description - FNC42060F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB40560 FAIRCHILD-FNB40560_15 Datasheet
992Kb / 16P
   Motion SPMR 45 Series
FNB43060T2 FAIRCHILD-FNB43060T2 Datasheet
1Mb / 15P
   Motion SPMR 45 Series
FSB43004A FAIRCHILD-FSB43004A Datasheet
860Kb / 12P
   Motion SPMR 45 LV Series
FSB44104A FAIRCHILD-FSB44104A Datasheet
664Kb / 12P
   Motion SPMR 45 LV Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com