Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBB30CH60D Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSBB30CH60D
Description  Motion SPMR 3 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB30CH60D Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSBB30CH60D Datasheet HTML 5Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 6Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 7Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 8Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 9Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 10Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 11Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 12Page - Fairchild Semiconductor FSBB30CH60D Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2014 Fairchild Semiconductor Corporation
9
www.fairchildsemi.com
FSBB30CH60D Rev. C0
Recommended Operating Conditions
Note:
9. This product might not make response if input pulse width is less than the recommanded value.
Figure 8. Allowable Maximum Output Current
Note:
10. This allowable output current value is the reference data for the safe operation of this product. This may be different from the actual application and operating condition.
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P - NU, NV, NW
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC(UH, VH, WH) - COM, VCC(L) -
COM
14.0
15
16.5
V
VBS
High-Side Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
13.0
15
18.5
V
dVCC / dt,
dVBS / dt
Control Supply
Variation
- 1
-
1
V /
ms
tdead
Blanking Time for
Preventing Arm - Short
For Each Input Signal
1.0
-
-
ms
fPWM
PWM Input Signal
-40
°C £ TC £ 125°C, -40°C £ TJ £ 150°C
-
-
20
kHz
VSEN
Voltage for Current
Sensing
Applied between NU, NV, NW - COM
(Including Surge Voltage)
- 5
5
V
PWIN(ON) Minimun Input Pulse
Width
VCC = VBS = 15 V, IC £ 60 A, Wiring Inductance
between NU, V, W and DC Link N < 10nH (Note 9)
2.0
-
-
ms
PWIN(OFF)
2.0
-
-
TJ
Junction Temperature
- 40
-
150
°C


Similar Part No. - FSBB30CH60D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBB30CH60 FAIRCHILD-FSBB30CH60 Datasheet
561Kb / 16P
   Smart Power Module
FSBB30CH60 FAIRCHILD-FSBB30CH60 Datasheet
568Kb / 16P
   Smart Power Module
FSBB30CH60C FAIRCHILD-FSBB30CH60C Datasheet
523Kb / 17P
   Smart Power Module
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
More results

Similar Description - FSBB30CH60D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB15CH60D FAIRCHILD-FSBB15CH60D Datasheet
717Kb / 15P
   Motion SPMR 3 Series
FSBB20CH60D FAIRCHILD-FSBB20CH60D Datasheet
718Kb / 15P
   Motion SPMR 3 Series
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com