Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNB50560TD1 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FNB50560TD1
Description  Motion SPMR 55 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNB50560TD1 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FNB50560TD1 Datasheet HTML 5Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 6Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 7Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 8Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 9Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 10Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 11Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 12Page - Fairchild Semiconductor FNB50560TD1 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
9
www.fairchildsemi.com
FNB50560TD1 Rev. 1.0
Mechanical Characteristics and Ratings
Figure 8. Flatness Measurement Position
Figure 9. Mounting Screws Torque Order
Note:
12. Do not make over torque when mounting screws. Much mounting torque may cause package cracks, as well as bolts and Al heat-sink destruction.
13. Avoid one side tightening stress. Figure 10 shows the recommended torque order for mounting screws. Uneven mounting can cause the ceramic substrate of the Motion SPM
55 product to be damaged. The Pre-screwing torque is set to 20 ~ 30 % of maximum torque rating.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Device Flatness
See Figure 8
-50
-
100
m
Mounting Torque
Mounting Screw: - M3
Note Figure 9
Recommended 0.7 N • m
0.6
0.7
0.8
N • m
Recommended 7.1 kg • cm
5.9
6.9
7.9
kg • cm
Weight
-6.0
-
g


Similar Part No. - FNB50560TD1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB50560TD1 ONSEMI-FNB50560TD1 Datasheet
546Kb / 17P
   Motion SPM 55 Series
Rev. 1.1
More results

Similar Description - FNB50560TD1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNF50560TD1 FAIRCHILD-FNF50560TD1 Datasheet
837Kb / 15P
   Motion SPMR 55 Series
FNA51560TD3 FAIRCHILD-FNA51560TD3 Datasheet
848Kb / 15P
   Motion SPMR 55 Series
FNF51060TD1 FAIRCHILD-FNF51060TD1 Datasheet
927Kb / 15P
   Motion SPMR 55 Series
FNF51560TD1 FAIRCHILD-FNF51560TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNA51060T3 FAIRCHILD-FNA51060T3 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com