Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA21106 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TDA21106
Description  High speed Driver with bootstrapping for dual Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21106 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TDA21106 Datasheet HTML 1Page - Infineon Technologies AG TDA21106 Datasheet HTML 2Page - Infineon Technologies AG TDA21106 Datasheet HTML 3Page - Infineon Technologies AG TDA21106 Datasheet HTML 4Page - Infineon Technologies AG TDA21106 Datasheet HTML 5Page - Infineon Technologies AG TDA21106 Datasheet HTML 6Page - Infineon Technologies AG TDA21106 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CoreControl TM
Data Sheet
TDA21106
Rev 2.0
Page 2
Apr, 2004
General Description
The dual high speed driver is designed to drive a wide range of N-Channel low side
and N-Channel high side MOSFETs with varying gate charges. It has a small
propagation delay from input to output, short rise and fall times and the same pin
configuration to be compatible to TDA21101G and HIP6601B. In addition it provides
protection features as well as a three-state mode for efficiency reasons. The high
breakdown voltage makes it suitable for mobile applications.
Target application
The dual high speed driver is designed to work well in half-bridge type circuits where
dual N-Channel MOSFETs are utilized. A circuit designer can fully take advantage of
the driver´s capabilities in high-efficiency, high-density synchronous DC/DC
converters that operate at high switching frequencies, e.g. in multi-phase converters
for CPU supplies on motherboards and VRM´s but also in motor drive and class-D
amplifier type applications.
Absolute Maximum Ratings
At Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Min.
Max.
Unit
Voltage supplied to ‘VCC’ pin; DC
VVCC
-0.3
25
Voltage supplied to ‘PVCC’ pin; DC
VPVCC
-0.3
25
Voltage supplied to ‘PWM’ pin
VPWM
-0.3
5,5
Voltage supplied to ‘BOOT’ pin referenced to ‘PHASE’
VBOOT
VPHASE
-0,3
25
Voltage supplied to ‘BOOT’ pin referenced to ‘GND’
VBOOT
-0,3
45
Voltage rating at ‘PHASE’ pin, DC
VPHASE
-1
25
Voltage rating at ‘PHASE’ pin, tpulse_max = 500ns
Max Duty Cycle = 2%
VPHASE
-20
30
Voltage supplied to GATEHS pin referenced to ‘PHASE’
Tpulse_max < 100ns, Energy < 2uJ
VGATEHS
-3.5 VBOOT
+0.3
Voltage supplied to GATELS pin referenced to ‘GND’
Tpulse_max < 100ns, Energy < 2uJ
VGATELS
-5
VVCC
+0.3
V
Junction temperature
TJ
-25
150
Storage temperature
TS
-55
150
°C
ESD Rating; Human Body Model
4
KV
IEC climatic category; DIN EN 60068-1
55/150/56
-


Similar Part No. - TDA21106

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21102 INFINEON-TDA21102 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
More results

Similar Description - TDA21106

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
   Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Analog Devices
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
   Dual MOSFET Driver with Bootstrapping
REV. B
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com