Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ122PA100FC01-P999F58 Datasheet(PDF) 2 Page - Vincotech

Part # 10-FZ122PA100FC01-P999F58
Description  AlN substrate for improved performance
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ122PA100FC01-P999F58 Datasheet(HTML) 2 Page - Vincotech

  10-FZ122PA100FC01-P999F58 Datasheet HTML 1Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 2Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 3Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 4Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 5Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 6Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 7Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 8Page - Vincotech 10-FZ122PA100FC01-P999F58 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
10-FZ122PA100FC01-P999F58
10-F0122PA100FC01-P999F59
preliminary datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12,7
mm
min 12,7
mm
-40…+(Tjmax - 25)
°C
Storage temperature
Tstg
-40…+125
°C
Clearance
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
2
Revision: 1
Copyright by Vincotech


Similar Part No. - 10-FZ122PA100FC01-P999F58

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PA100SC-P999F08 VINCOTECH-10-FZ122PA100SC-P999F08 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
   Compact and low inductance design
10-FZ122PA100SC02-P999F78 VINCOTECH-10-FZ122PA100SC02-P999F78 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT4 HS3 technology
More results

Similar Description - 10-FZ122PA100FC01-P999F58

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
   AlN substrate for improved performance
logo
Anaren Microwave
E125N50X4 ANAREN-E125N50X4 Datasheet
216Kb / 2P
   AlN Ceramic Substrate
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
   Full digital controls for improved performance
logo
Unisonic Technologies
UCS1605SL-D08-T UTC-UCS1605SL-D08-T Datasheet
272Kb / 7P
   Frequency hopping for Improved EMI Performance
logo
Silicon Laboratories
TS6001 SILABS-TS6001 Datasheet
1Mb / 13P
   Improved Electrical Performance
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
logo
Kersemi Electronic Co.,...
MBR20H100CTG KERSEMI-MBR20H100CTG Datasheet
1Mb / 3P
   High Barrier Technology for Improved High Temperature Performance
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
logo
Vishay Siliconix
MBR7HXX VISHAY-MBR7HXX Datasheet
140Kb / 5P
   Schottky Barrier Rectifier High Barrier Technology for Improved HighTemperature Performance
Revision: 13-Aug-13
logo
Connor-Winfield Corpora...
TB512-052M CONNOR-WINFIELD-TB512-052M Datasheet
1Mb / 6P
   Improved Performance 5x7mm TB / TVB Model Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com