Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6190T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TDA6190T
Description  DVB-IF Mixer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6190T Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA6190T Datasheet HTML 1Page - Infineon Technologies AG TDA6190T Datasheet HTML 2Page - Infineon Technologies AG TDA6190T Datasheet HTML 3Page - Infineon Technologies AG TDA6190T Datasheet HTML 4Page - Infineon Technologies AG TDA6190T Datasheet HTML 5Page - Infineon Technologies AG TDA6190T Datasheet HTML 6Page - Infineon Technologies AG TDA6190T Datasheet HTML 7Page - Infineon Technologies AG TDA6190T Datasheet HTML 8Page - Infineon Technologies AG TDA6190T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Specification
5
2004-05-17
Type
Ordering Code
Package
TDA 6190T
Q67036-A1073 (tape and reel)
P-DSO-16
DVB-IF Mixer
TDA 6190
Version 1.4
Product Info
General Description
The TDA 6190T is a bipolar integrated circuit for
amplification
and
down
conversion
of
modulated
IF signals used for DVB on cable or for terrestrial
transmission.
Features
Input frequency range of 30 to 70 MHz
External gain control for integrated
variable gain amplifier
Output for adjustable delayed tuner
AGC
Integrated low noise VCO circuitry with
external varactor diode or crystal
Broadband outputs for the down
converted IF signal
Internal low noise reference voltage
source
Full ESD protection
Application
For use in TV or cable set-top receivers
for Digital Video Broadcast.


Similar Part No. - TDA6190T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA6192 INFINEON-TDA6192 Datasheet
442Kb / 26P
   Gain-controlled IF Amplifier
Version 2.1 May 2002
TDA6192-T INFINEON-TDA6192-T Datasheet
442Kb / 26P
   Gain-controlled IF Amplifier
Version 2.1 May 2002
TDA6192-V INFINEON-TDA6192-V Datasheet
442Kb / 26P
   Gain-controlled IF Amplifier
Version 2.1 May 2002
More results

Similar Description - TDA6190T

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FB1517 FARADAY-FB1517 Datasheet
27Kb / 2P
   36.15 MHZ DVB(T) IF FILTER
FB1518 FARADAY-FB1518 Datasheet
24Kb / 2P
   70 MHz DVB(T) IF FILTER
logo
TEMIC Semiconductors
U4476B TEMIC-U4476B Datasheet
187Kb / 7P
   IF Amplifier / Converter for DVB (Cable)
U4459B TEMIC-U4459B Datasheet
108Kb / 7P
   IF Amplifier for Cable DVB Processing
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
Qorvo, Inc
CMD261 QORVO-CMD261 Datasheet
300Kb / 10P
   High IF Bandwidth Mixer
logo
Custom MMIC Design Serv...
CMD261 MMIC-CMD261 Datasheet
300Kb / 10P
   High IF Bandwidth Mixer
logo
TEMIC Semiconductors
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
logo
RF Micro Devices
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
   IF LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com