Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ062TA099FH01-P980D28 Datasheet(PDF) 7 Page - Vincotech

Part # 10-FZ062TA099FH01-P980D28
Description  Vincotech clip-in housing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062TA099FH01-P980D28 Datasheet(HTML) 7 Page - Vincotech

Back Button 10-FZ062TA099FH01-P980D28 Datasheet HTML 3Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 4Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 5Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 6Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 7Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 8Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 9Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 10Page - Vincotech 10-FZ062TA099FH01-P980D28 Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
10-FZ062TA099FH-P980D18/-FH01-P980D28
datasheet
Figure 5
PFC MOSFET
Figure 6
PFC MOSFET
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(I D)
E = f(R G)
inductive load
inductive load
T j =
25/125
°C
T j =
25/125
°C
V DS =
400
V
V DS =
400
V
V GS =
10
V
V GS =
10
V
R gon =
4
I D =
15
A
R goff =
4
Figure 7
PFC MOSFET
Figure 8
PFC MOSFET
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector (drain) current
as a function of gate resistor
E rec = f(I c)
E rec = f(R G)
inductive load
inductive load
T j =
25/125
°C
T j =
25/125
°C
V DS =
400
V
V DS =
400
V
V GS =
10
V
V GS =
10
V
R gon =
4
I D =
15
A
R goff =
4
PFC
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0,000
0,005
0,010
0,015
0,020
0,025
0,030
0
5
10
15
20
25
30
I C (A)
Tj = Tjmax - 25°C
Erec
Tj = 25°C
Erec
0,000
0,005
0,010
0,015
0,020
0,025
0,030
0,035
0
3
6
9
12
15
18
R G ( Ω
Ω )
Eoff
Eon
Eon
Eoff
0,000
0,020
0,040
0,060
0,080
0,100
0,120
0
5
10
15
20
25
30
I C (A)
Tj = Tjmax -25°C
Eoff
Eon
Eon
Tj =25°C
Eoff
0,00
0,02
0,04
0,06
0,08
0,10
0,12
0
3
6
9
12
15
18
R G ( Ω
Ω )
copyright Vincotech
7
10 Febr. 2015 / Revision 4


Similar Part No. - 10-FZ062TA099FH01-P980D28

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA015SM-P985D13 VINCOTECH-10-FZ062TA015SM-P985D13 Datasheet
365Kb / 9P
   High-efficient rectifier
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ062TA030FB-P983D18 VINCOTECH-10-FZ062TA030FB-P983D18 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB01-P983D28 VINCOTECH-10-FZ062TA030FB01-P983D28 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB02-P983D38 VINCOTECH-10-FZ062TA030FB02-P983D38 Datasheet
2Mb / 20P
   Vincotech clip-in housing
More results

Similar Description - 10-FZ062TA099FH01-P980D28

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA030FB-P983D18 VINCOTECH-10-FZ062TA030FB-P983D18 Datasheet
2Mb / 20P
   Vincotech clip-in housing
FZ06 VINCOTECH-FZ06 Datasheet
2Mb / 15P
   2-clip housing in 12mm and 17mm height
V23990-P868-F49-PM VINCOTECH-V23990-P868-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P866-F49-PM VINCOTECH-V23990-P866-F49-PM Datasheet
2Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P865-F49-PM VINCOTECH-V23990-P865-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P860-F49-PM VINCOTECH-V23990-P860-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P864-F49-PM VINCOTECH-V23990-P864-F49-PM Datasheet
742Kb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P869-F49-PM VINCOTECH-V23990-P869-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
logo
Pomona Electronics
6108 POMONA-6108 Datasheet
38Kb / 1P
   40 In. SOIC Clip Test Clip
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com