Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ062TA030SM-P986D13 Datasheet(PDF) 5 Page - Vincotech

Part # 10-FZ062TA030SM-P986D13
Description  High-efficient rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062TA030SM-P986D13 Datasheet(HTML) 5 Page - Vincotech

  10-FZ062TA030SM-P986D13 Datasheet HTML 1Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 2Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 3Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 4Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 5Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 6Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 7Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 8Page - Vincotech 10-FZ062TA030SM-P986D13 Datasheet HTML 9Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
10-FZ062TA030SM-P986D13
target datasheet
Copyright Vincotech
5
27 Oct. 2015 / Revision 1
25
1,67
1,87
125
1,56
25
0,14
150
I
F [A]
Parameter
Symbol
Conditions
Value
Unit
V
r [V]
Static
T
j [°C]
Min
Typ
Max
10
V
Reverse leakage current
I r
650
µA
Forward voltage
V F
Thermal
Thermal resistance junction to sink
R th(j-s)
phase-change
material
ʎ=3,4W/mK
K/W
2,87
Rectifier Diode \ Shunt Protection Diode
%
+10
Tolerance
- 10
Parameter
Symbol
Conditions
Value
Unit
T j[°C]
Min
Typ
Max
Capacitance
C
nF
100
PFC Sw. Protection Diode \ Current Transformer Protection Diode
25
1,31
1,4
125
1,33
25
20
150
1500
1,11
K/W
Thermal resistance junction to sink
R th(j-s)
phase-change
material
ʎ=3,4W/mK
Thermal
V
Reverse leakage current
I r
1600
µA
Forward voltage
V F
50
T
j [°C]
Min
Typ
Max
Static
I
F [A]
Parameter
Symbol
Conditions
Value
Unit
V
r [V]
DC Link Capacitor


Similar Part No. - 10-FZ062TA030SM-P986D13

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ062TA030FB-P983D18 VINCOTECH-10-FZ062TA030FB-P983D18 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB01-P983D28 VINCOTECH-10-FZ062TA030FB01-P983D28 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB02-P983D38 VINCOTECH-10-FZ062TA030FB02-P983D38 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB03-P983D48 VINCOTECH-10-FZ062TA030FB03-P983D48 Datasheet
2Mb / 20P
   Vincotech clip-in housing
More results

Similar Description - 10-FZ062TA030SM-P986D13

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
   High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
logo
Yangzhou yangjie electr...
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
   High Efficient Rectifier
HS3AB YANGJIE-HS3AB Datasheet
144Kb / 2P
   High Efficient Rectifier
HER101 YANGJIE-HER101 Datasheet
194Kb / 4P
   High Efficient Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com