Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-F0062TA030FB-P983D19 Datasheet(PDF) 1 Page - Vincotech

Part # 10-F0062TA030FB-P983D19
Description  Vincotech clip-in housing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F0062TA030FB-P983D19 Datasheet(HTML) 1 Page - Vincotech

  10-F0062TA030FB-P983D19 Datasheet HTML 1Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 2Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 3Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 4Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 5Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 6Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 7Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 8Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10-FZ062TA030(FB/FB01/FB02/FB03)-P983(D18/D28/D38/D48)
10-F0062TA030(FB/FB03)-P983(D19/D49)
preliminary datasheet
flow PFC 0
600 V/ 2 x 15 A / 50 kHz
● Vincotech clip-in housing
● Compact and low inductance design
● Suitable for Interleaved topology
● Suitable for curent sensing in collector or in emitter
● Ultrafast boost IGBT and FRED
● PFC for welding
FZ062TA030FB01
● PFC for SMPS
● PFC for motor drives
● PFC for UPS
● PFC for battery charger
(F0/FZ)062TA030FB03
● (F0/FZ)062TA030FB; without SCR, current sense in collector
● FZ062TA030FB01; with SCR, current sense in collector
● FZ062TA030FB02; without SCR, current sense in emitter
● (F0/FZ)062TA030FB03; with SCR, current sense in emitter
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
1600
V
Th=80°C
35
Tc=80°C
Th=80°C
40
Tc=80°C
Maximum Junction Temperature
Tjmax
150
°C
Input Rectifier Thyristor
Repetitive peak reverse voltage
VRRM
800
V
Th=80°C
34
Tc=80°C
Surge forward current
IFSM
250
A
I
2t
310
A
2s
Th=80°C
44
Tc=80°C
Maximum Junction Temperature
Tjmax
150
°C
Tj=Tjmax
Ptot
Power dissipation per Diode
I
2t
Power dissipation per Thyristor
Ptot
Input Rectifier Diode
DC forward current
I2t-value
DC forward current
Surge forward current
A
W
A
W
Tj=25°C
Tj=Tjmax
tp=10ms
IF
A
Types
I2t-value
Maximum Ratings
IF
A
2s
IFSM
Condition
Tj=Tjmax
310
Tj=25°C
Tj=Tjmax
Features
flow 0 housing
Target Applications
Schematic
tp=10ms
250
(F0/FZ)062TA030FB
FZ062TA030FB02
12 mm housing
17 mm housing
1
Revision:
3
Copyright by Vincotech


Similar Part No. - 10-F0062TA030FB-P983D19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F0062PA075SA-P993F09 VINCOTECH-10-F0062PA075SA-P993F09 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA075SA01-P993F19 VINCOTECH-10-F0062PA075SA01-P993F19 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA150SA01-P995F19 VINCOTECH-10-F0062PA150SA01-P995F19 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA150SC-P995F09 VINCOTECH-10-F0062PA150SC-P995F09 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA200SA-P996F09 VINCOTECH-10-F0062PA200SA-P996F09 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
More results

Similar Description - 10-F0062TA030FB-P983D19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA099FH-P980D18 VINCOTECH-10-FZ062TA099FH-P980D18 Datasheet
871Kb / 20P
   Vincotech clip-in housing
FZ06 VINCOTECH-FZ06 Datasheet
2Mb / 15P
   2-clip housing in 12mm and 17mm height
V23990-P868-F49-PM VINCOTECH-V23990-P868-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P866-F49-PM VINCOTECH-V23990-P866-F49-PM Datasheet
2Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P865-F49-PM VINCOTECH-V23990-P865-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P860-F49-PM VINCOTECH-V23990-P860-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P864-F49-PM VINCOTECH-V23990-P864-F49-PM Datasheet
742Kb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P869-F49-PM VINCOTECH-V23990-P869-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
logo
Pomona Electronics
6108 POMONA-6108 Datasheet
38Kb / 1P
   40 In. SOIC Clip Test Clip
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com