Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ062TA030FB01-P983D28 Datasheet(PDF) 5 Page - Vincotech

Part # 10-FZ062TA030FB01-P983D28
Description  Vincotech clip-in housing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062TA030FB01-P983D28 Datasheet(HTML) 5 Page - Vincotech

  10-FZ062TA030FB01-P983D28 Datasheet HTML 1Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 2Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 3Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 4Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 5Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 6Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 7Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 8Page - Vincotech 10-FZ062TA030FB01-P983D28 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
10-FZ062TA030(FB/FB01/FB02/FB03)-P983(D18/D28/D38/D48)
10-F0062TA030(FB/FB03)-P983(D19/D49)
preliminary datasheet
Figure 1
Inverse diode
Figure 2
Inverse diode
Typical diode forward current as
Diode transient thermal impedance
a function of forward voltage
as a function of pulse width
IF = f(VF)
ZthJH = f(tp)
tp =
250
µs
D =
tp / T
RthJH =
5,12
K/W
Figure 3
Inverse diode
Figure 4
Inverse diode
Power dissipation as a
Forward current as a
function of heatsink temperature
function of heatsink temperature
Ptot = f(Th)
IF = f(Th)
Tj =
150
ºC
Tj =
150
ºC
PFC Switch & C.T. Inverse Diode
0
4
8
12
16
20
0
1
1
2
2
3
3
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
0
8
16
24
32
40
0
50
100
150
200
T h (
o C)
0
2
4
6
8
10
12
0
50
100
150
200
T h (
o C)
5
Revision:
3
Copyright by Vincotech


Similar Part No. - 10-FZ062TA030FB01-P983D28

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ062TA030SM-P986D13 VINCOTECH-10-FZ062TA030SM-P986D13 Datasheet
366Kb / 9P
   High-efficient rectifier
More results

Similar Description - 10-FZ062TA030FB01-P983D28

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA099FH-P980D18 VINCOTECH-10-FZ062TA099FH-P980D18 Datasheet
871Kb / 20P
   Vincotech clip-in housing
FZ06 VINCOTECH-FZ06 Datasheet
2Mb / 15P
   2-clip housing in 12mm and 17mm height
V23990-P868-F49-PM VINCOTECH-V23990-P868-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P866-F49-PM VINCOTECH-V23990-P866-F49-PM Datasheet
2Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P865-F49-PM VINCOTECH-V23990-P865-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P860-F49-PM VINCOTECH-V23990-P860-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P864-F49-PM VINCOTECH-V23990-P864-F49-PM Datasheet
742Kb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P869-F49-PM VINCOTECH-V23990-P869-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
logo
Pomona Electronics
6108 POMONA-6108 Datasheet
38Kb / 1P
   40 In. SOIC Clip Test Clip
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com