Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ062TA015SM-P985D13 Datasheet(PDF) 3 Page - Vincotech

Part # 10-FZ062TA015SM-P985D13
Description  High-efficient rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062TA015SM-P985D13 Datasheet(HTML) 3 Page - Vincotech

  10-FZ062TA015SM-P985D13 Datasheet HTML 1Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 2Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 3Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 4Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 5Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 6Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 7Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 8Page - Vincotech 10-FZ062TA015SM-P985D13 Datasheet HTML 9Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
10-FZ062TA015SM-P985D13
target datasheet
Copyright Vincotech
3
27 Oct. 2015 / Revision 1
Parameter
Symbol
Unit
Thermal Properties
Isolation Properties
Isolation voltage
V isol
DC voltage
t p=2s
4000
V
Creepage distance
min 12,7
mm
Clearance
9,42
mm
Comparative Tracking Index
CTI
>200
Conditions
Value
°C
°C
Storage temperature
T stg
-40…+125
Operation Junction Temperature
T jop
-40…+(T jmax - 25)
Parameter
Symbol
Unit
DC forward current
I F
35
A
Tc =25°C
Power dissipation
P tot
Tc =25°C
5
W
Conditions
Value
PFC Shunt
Module Properties


Similar Part No. - 10-FZ062TA015SM-P985D13

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ062TA030FB-P983D18 VINCOTECH-10-FZ062TA030FB-P983D18 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB01-P983D28 VINCOTECH-10-FZ062TA030FB01-P983D28 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB02-P983D38 VINCOTECH-10-FZ062TA030FB02-P983D38 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB03-P983D48 VINCOTECH-10-FZ062TA030FB03-P983D48 Datasheet
2Mb / 20P
   Vincotech clip-in housing
More results

Similar Description - 10-FZ062TA015SM-P985D13

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
   High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
logo
Yangzhou yangjie electr...
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
   High Efficient Rectifier
HS3AB YANGJIE-HS3AB Datasheet
144Kb / 2P
   High Efficient Rectifier
HER101 YANGJIE-HER101 Datasheet
194Kb / 4P
   High Efficient Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com