Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ062PA100SA-P994F08 Datasheet(PDF) 4 Page - Vincotech

Part # 10-FZ062PA100SA-P994F08
Description  Trench Fieldstop IGBT technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062PA100SA-P994F08 Datasheet(HTML) 4 Page - Vincotech

  10-FZ062PA100SA-P994F08 Datasheet HTML 1Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 2Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 3Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 4Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 5Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 6Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 7Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 8Page - Vincotech 10-FZ062PA100SA-P994F08 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
10-FZ062PA100SA-P994F08
10-PZ062PA100SA-P994F08Y
datasheet
Figure 1
Output inverter IGBT
Figure 2
Output inverter IGBT
Typical output characteristics
I C = f(V CE)
I C = f(V CE)
At
At
350
µs
t p =
350
µs
T j =
25
°C
T j =
150
°C
V GE from
7 V to 17 V in steps of 1 V
V GE from
7 V to 17 V in steps of 1 V
Figure 3
Output inverter IGBT
Figure 4
Output inverter FWD
Typical transfer characteristics
Typical diode forward current as
I C = f(V GE)
a function of forward voltage
I F = f(V F)
At
At
t p =
350
µs
t p =
350
µs
V CE =
10
V
Output Inverter
Typical output characteristics
0
50
100
150
200
250
300
0
1
2
3
4
5
V CE (V)
0
20
40
60
80
100
0
2
4
6
8
10
12
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
50
100
150
200
250
300
0
0,5
1
1,5
2
2,5
3
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
50
100
150
200
250
300
0
1
2
3
4
5
V CE (V)
02 Dec. 2015 / Revision 2
copyright Vincotech
4


Similar Part No. - 10-FZ062PA100SA-P994F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062PA100SA01-P994F18 VINCOTECH-10-FZ062PA100SA01-P994F18 Datasheet
344Kb / 6P
   Trench Fieldstop IGBT technology
More results

Similar Description - 10-FZ062PA100SA-P994F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062PA150SA01-P995F18 VINCOTECH-10-FZ062PA150SA01-P995F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA200SA01-P996F18 VINCOTECH-10-FZ062PA200SA01-P996F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA075SA01-P993F18 VINCOTECH-10-FZ062PA075SA01-P993F18 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA150SC-P995F08 VINCOTECH-10-FZ062PA150SC-P995F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA100SA01-P994F18 VINCOTECH-10-FZ062PA100SA01-P994F18 Datasheet
344Kb / 6P
   Trench Fieldstop IGBT technology
10-FZ062PA200SA-P996F08 VINCOTECH-10-FZ062PA200SA-P996F08 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA100SC-P999F08 VINCOTECH-10-FZ122PA100SC-P999F08 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA150SC01-P990F18 VINCOTECH-10-FZ122PA150SC01-P990F18 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ122PA150SC-P990F08 VINCOTECH-10-FZ122PA150SC-P990F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-FZ062PA075SA-P993F08 VINCOTECH-10-FZ062PA075SA-P993F08 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com