Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ06NMA080SH-M269F Datasheet(PDF) 4 Page - Vincotech

Part # 10-FZ06NMA080SH-M269F
Description  Mixed voltage component topology
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NMA080SH-M269F Datasheet(HTML) 4 Page - Vincotech

  10-FZ06NMA080SH-M269F Datasheet HTML 1Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 2Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 3Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 4Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 5Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 6Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 7Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 8Page - Vincotech 10-FZ06NMA080SH-M269F Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
10-FZ12NMA080SH-M269F
datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Value
Conditions
Characteristic Values
Tj=25°C
5
5,8
6,5
Tj=125°C
Tj=25°C
1,1
1,54
2
Tj=125°C
1,75
Tj=25°C
100
Tj=125°C
Tj=25°C
650
Tj=125°C
Tj=25°C
99
Tj=125°C
102
Tj=25°C
10
Tj=125°C
13
Tj=25°C
183
Tj=125°C
206
Tj=25°C
80
Tj=125°C
99
Tj=25°C
0,49
Tj=125°C
0,72
Tj=25°C
1,16
Tj=125°C
1,50
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
1,30
K/W
Tj=25°C
1,5
2,23
3,4
Tj=125°C
1,91
Tj=25°C
100
Tj=125°C
Tj=25°C
64
Tj=125°C
79
Tj=25°C
29
Tj=125°C
172
Tj=25°C
2,7
Tj=125°C
6,1
di(rec)max
Tj=25°C
8246
/dt
Tj=125°C
4626
Tj=25°C
0,74
Tj=125°C
1,79
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
1,55
K/W
B
Vincotech NTC Reference
3996
K
3950
K
B-value
B(25/100) Tol. ±3%
T=25°C
T=25°C
B-value
B(25/50) Tol. ±3%
µA
ns
A/µs
A
mWs
µC
V
%
22000
T=25°C
2
5
-5
93
Tj=25°C
50
0,0008
Turn-off energy loss per pulse
QGate
Eoff
Turn-on energy loss per pulse
Neutral Point IGBT
Peak reverse recovery current
Reverse recovered charge
Gate-emitter leakage current
Gate emitter threshold voltage
Gate charge
Input capacitance
Output capacitance
Fall time
Turn-off delay time
Collector-emitter saturation voltage
Collector-emitter cut-off incl diode
Turn-on delay time
Rise time
Integrated Gate resistor
ICES
VGE(th)
VCE(sat)
Half Bridge FWD
Reverse transfer capacitance
f=1MHz
Crss
Coss
Cies
480
mW/K
ns
mWs
0
0
pF
41
20
15
nC
50
Tj=25°C
P
mW
200
Rated resistance
Power dissipation constant
Deviation of R100
Power dissipation
∆R/R
R100=1486
R
tf
Eon
td(off)
tr
IGES
IRRM
Rgoff=8
Rgon=8
td(on)
Rgint
350
±15
VCE=VGE
±15
15
0
uA
nA
V
V
Reverse recovery energy
trr
Qrr
Erec
Reverse recovery time
Peak rate of fall of recovery current
Thermistor
Diode forward voltage
Reverse leakage current
VF
Ir
Rgon=8
41
30
600
1200
350
25
T=25°C
T=25°C
T=100°C
200
3140
310
none
copyright
by Vincotech
4
Revision: 4


Similar Part No. - 10-FZ06NMA080SH-M269F

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NBA030SA-P914L33 VINCOTECH-10-FZ06NBA030SA-P914L33 Datasheet
2Mb / 17P
   flowBOOST0
10-FZ06NBA041FS01-P915L78 VINCOTECH-10-FZ06NBA041FS01-P915L78 Datasheet
320Kb / 3P
   DC Boost Application
10-FZ06NBA045FH-P915L VINCOTECH-10-FZ06NBA045FH-P915L Datasheet
2Mb / 18P
   flowBOOST0
10-FZ06NBA075SA-P916L33 VINCOTECH-10-FZ06NBA075SA-P916L33 Datasheet
2Mb / 17P
   flowBOOST0
10-FZ06NBA084FP-M306L48 VINCOTECH-10-FZ06NBA084FP-M306L48 Datasheet
1Mb / 14P
   ultrafast IGBT with C6 MOSFET and SiC buck diodes
More results

Similar Description - 10-FZ06NMA080SH-M269F

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ12NMA080SH01-M260F VINCOTECH-10-FZ12NMA080SH01-M260F Datasheet
1Mb / 27P
   Mixed voltage component topology
10-F012NME080SH-M910F09Y VINCOTECH-10-F012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-P012NME080SH-M910F09Y VINCOTECH-10-P012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-FZ12NMA080NS03-M260F38 VINCOTECH-10-FZ12NMA080NS03-M260F38 Datasheet
1Mb / 27P
   Mixed voltage component topology
10-F112M3A025SH-M746-F09 VINCOTECH-10-F112M3A025SH-M746-F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
10-F112M3A025SH-M746F09 VINCOTECH-10-F112M3A025SH-M746F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
10-FY12M3A040SH-M749F08 VINCOTECH-10-FY12M3A040SH-M749F08 Datasheet
2Mb / 26P
   3 phase mixed voltage component topology
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com