Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ07B2A030SM02-M575L48 Datasheet(PDF) 4 Page - Vincotech

Part # 10-FZ07B2A030SM02-M575L48
Description  High efficient dual booster
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ07B2A030SM02-M575L48 Datasheet(HTML) 4 Page - Vincotech

  10-FZ07B2A030SM02-M575L48 Datasheet HTML 1Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 2Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 3Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 4Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 5Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 6Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 7Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 8Page - Vincotech 10-FZ07B2A030SM02-M575L48 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
10-FZ07B2A030SM02-M575L48
datasheet
Copyright Vincotech
4
25 Jun. 2015 / Revision 1
Boost Diode
Boost Inverse Diode
25
2,46
2,6
125
2,03
150
-
25
10
150
-
I F [A]
Parameter
Symbol
Conditions
Value
Unit
V r [V]
Static
T j [°C]
Min
Typ
Max
30
V
Reverse leakage c urrent
I r
665
µA
Forward voltage
V F
Thermal
Thermal resistance junc tion to sink
R th(j-s)
Phase-Change
Material
ʎ=3,4W/mK
K/W
1,83
25
28
125
36
25
17
125
77
di /dt = 4188 A/µs
25
0,336
di /dt = 3749 A/µs
125
1,091
25
0,040
125
0,251
25
6280
125
2364
Q r
µC
Reverse recovered energy
E rec
mWs
Peak rate of fall of recovery current
(di rf/dt )max
A/µs
Peak recovery current
I RRM
15/0
400
30
A
Reverse recovery time
t rr
ns
Recovered charge
FWD Switching
25
2,48
2,93
125
1,73
150
25
10
150
1,65
K/W
Thermal resistance junc tion to sink
R th(j-s)
Phase-Change
Material
ʎ=3,4W/mK
Thermal
V
Reverse leakage c urrent
I r
650
µA
Forward voltage
V F
15
T j [°C]
Min
Typ
Max
Static
I F [A]
Parameter
Symbol
Conditions
Value
Unit
V r [V]


Similar Part No. - 10-FZ07B2A030SM02-M575L48

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
10-FZ073BA030SM02-M575L38 VINCOTECH-10-FZ073BA030SM02-M575L38 Datasheet
1Mb / 18P
   High efficient triple booster
10-FZ07NBA030SM01-P914L53 VINCOTECH-10-FZ07NBA030SM01-P914L53 Datasheet
342Kb / 7P
   Buck-Boost for battery management
10-FZ07NBA075SM-P916L58 VINCOTECH-10-FZ07NBA075SM-P916L58 Datasheet
1Mb / 19P
   High efficiency symmetric boost
10-FZ07NBA100SM10-M305L68 VINCOTECH-10-FZ07NBA100SM10-M305L68 Datasheet
1Mb / 16P
   Symmetric booster
More results

Similar Description - 10-FZ07B2A030SM02-M575L48

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ073BA030SM02-M575L38 VINCOTECH-10-FZ073BA030SM02-M575L38 Datasheet
1Mb / 18P
   High efficient triple booster
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
[Old version datasheet]   Current Booster
logo
Festo Corporation.
549398 FESTO-549398 Datasheet
101Kb / 1P
   Pressure booster
552936 FESTO-552936 Datasheet
104Kb / 1P
   Pressure booster
537274 FESTO-537274 Datasheet
93Kb / 1P
   Pressure booster
549402 FESTO-549402 Datasheet
101Kb / 1P
   Pressure booster
logo
Billiton Ltd.
TP83 ASIC-TP83 Datasheet
173Kb / 10P
   Booster series
logo
Festo Corporation.
549397 FESTO-549397 Datasheet
108Kb / 1P
   Pressure booster
549401 FESTO-549401 Datasheet
100Kb / 1P
   Pressure booster
552928 FESTO-552928 Datasheet
96Kb / 1P
   Pressure booster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com