Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ06NRA084FP02-P969F68 Datasheet(PDF) 4 Page - Vincotech

Part # 10-FZ06NRA084FP02-P969F68
Description  Parallel switch for high speed and efficiency
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NRA084FP02-P969F68 Datasheet(HTML) 4 Page - Vincotech

  10-FZ06NRA084FP02-P969F68 Datasheet HTML 1Page - Vincotech 10-FZ06NRA084FP02-P969F68 Datasheet HTML 2Page - Vincotech 10-FZ06NRA084FP02-P969F68 Datasheet HTML 3Page - Vincotech 10-FZ06NRA084FP02-P969F68 Datasheet HTML 4Page - Vincotech 10-FZ06NRA084FP02-P969F68 Datasheet HTML 5Page - Vincotech 10-FZ06NRA084FP02-P969F68 Datasheet HTML 6Page - Vincotech 10-FZ06NRA084FP02-P969F68 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
10-FZ06NRA084FP02-P969F68
10-PZ06NRA084FP02-P969F68Y
target datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
3,5
4,5
6
Tj=150°C
Tj=25°C
1,9
2,5
Tj=150°C
2,1
Tj=25°C
0,25
Tj=150°C
Tj=25°C
400
Tj=150°C
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
0,85
K/W
* see dynamic characteristic at Buck MosFET
**additional value stands for built-in capacitor
Tj=25°C
1,50
1,7
Tj=125°C
1,82
Tj=25°C
Tj=125°C
tbd
Tj=25°C
Tj=125°C
tbd
Tj=25°C
Tj=125°C
tbd
di(rec)max
Tj=25°C
/dt
Tj=125°C
tbd
Tj=25°C
Tj=125°C
tbd
75
600
0
0,00025
75
24
75
Tj=25°C
±15
diF/dt=tbd A/us
300
±15
0
VCE=VGE
0
15
f=1MHz
VGE(th)
Coss
VCE(sat)
ICES
IGES
QGate
Cies
Input capacitance
Reverse recovery time
Peak rate of fall of recovery current
Gate-emitter leakage current
Integrated Gate resistor
Characteristic Values
Value
Conditions
pF
nF
mA
ns
V
Tj=25°C
A/µs
None
94
mWs
V
nA
Buck IGBT *
Collector-emitter cut-off current incl. Diode
Gate emitter threshold voltage
Collector-emitter saturation voltage
Output capacitance
4000
400
30
400
115
Rgint
Crss
VF
20
Reverse recovered energy
IRRM
Qrr
trr
Reverse recovered charge
Peak reverse recovery current
Reverse transfer capacitance
Diode forward voltage
Gate charge
Buck Diode
Erec
A
µC
nC
V
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
1,91
K/W
Tj=25°C
90
Tj=125°C
Tj=25°C
2,4
3
3,5
Tj=125°C
Tj=25°C
100
Tj=125°C
Tj=25°C
5000
Tj=125°C
Tj=25°C
tbd.
Tj=125°C
tbd.
Tj=25°C
tbd.
Tj=125°C
tbd.
Tj=25°C
tbd.
Tj=125°C
tbd.
Tj=25°C
tbd.
Tj=125°C
tbd.
Tj=25°C
tbd.
Tj=125°C
tbd.
Tj=25°C
tbd.
Tj=125°C
tbd.
** see schematic of the Gate-complex at characteristic figures
Tj=25°C
0,0012
20
10
10
0
300
±15
25
f=1MHz
VDS=VGS
Rgon=X
Thermal grease
thickness≤50um
λ = 1 W/mK
Rgoff=X
V(GS)th
Igss
tr
Coss
Eon
Qgd
Qg
Qgs
Input capacitance
Gate to drain charge
Gate threshold voltage
Eoff
Ciss
Gate to source charge
Turn off delay time
Rise Time
RthJH
Zero Gate Voltage Drain Current
Gate to Source Leakage Current
Turn On Delay Time
V
nC
nA
ns
mWs
2660
61
18
0
480
600
75
18
Tj=25°C
0
Static drain to source ON resistance
Buck MOSFET
Rds(on)
Turn-on energy loss per pulse
Fall time
Total gate charge
td(OFF)
td(ON)
Turn-off energy loss per pulse
Idss
tf
Thermal resistance chip to heatsink per chip
Output capacitance
1,29
14
154
119
pF
m
K/W
uA
copyright Vincotech
4
Revision: 1


Similar Part No. - 10-FZ06NRA084FP02-P969F68

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NRA084FP02-P969F78 VINCOTECH-10-FZ06NRA084FP02-P969F78 Datasheet
5Mb / 26P
   75A parallel switch (75A and 99m MOSFET)
More results

Similar Description - 10-FZ06NRA084FP02-P969F68

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NRA069FP02-P967F68 VINCOTECH-10-FZ06NRA069FP02-P967F68 Datasheet
1Mb / 7P
   Parallel switch for high speed and efficiency
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
logo
DONGGUAN YOU FENG WEI E...
FR101 YFWDIODE-FR101 Datasheet
112Kb / 3P
   Fast Switching Speed For High Efficiency
logo
Toshiba Semiconductor
TPCA8009-H TOSHIBA-TPCA8009-H Datasheet
105Kb / 4P
   High Speed and High Efficiency DC-DC Converters
TPCA8010-H TOSHIBA-TPCA8010-H Datasheet
41Kb / 4P
   High Speed and High Efficiency DC-DC Converters
logo
DONGGUAN YOU FENG WEI E...
MUR105 YFWDIODE-MUR105 Datasheet
81Kb / 3P
   Super Fast Switching Speed For High Efficiency
UF4001 YFWDIODE-UF4001 Datasheet
93Kb / 2P
   Ultra Fast Switching Speed For High Efficiency
logo
Shanghai Leiditech Elec...
FR101 LEIDITECH-FR101 Datasheet
463Kb / 3P
   High Current Capability Fast Switching Speed For High Efficiency
logo
Alpha & Omega Semicondu...
AOZ6185 AOSMD-AOZ6185 Datasheet
528Kb / 10P
   High-Speed USB and Audio DPDT Switch
logo
STMicroelectronics
IPS2050H STMICROELECTRONICS-IPS2050H Datasheet
3Mb / 32P
   High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
August 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com