Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FY07ZAB050SM-L514B08-3 Datasheet(PDF) 3 Page - Vincotech

Part # 10-FY07ZAB050SM-L514B08-3
Description  High integration level of Rectifier, PFC and Inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FY07ZAB050SM-L514B08-3 Datasheet(HTML) 3 Page - Vincotech

  10-FY07ZAB050SM-L514B08-3 Datasheet HTML 1Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 2Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 3Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 4Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 5Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 6Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 7Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 8Page - Vincotech 10-FY07ZAB050SM-L514B08-3 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
10-FY07ZAB050SM-L514B08
target datasheet
Copyright Vincotech
3
14 Aug. 2015 / Revision 1
H-Bridge Switch Lo/Hi Side
DC Capacitor
H-Bridge Diode Lo/Hi Side
Parameter
Symbol
Value
Unit
A
Condition
Collector-emitter voltage
V CES
650
V
Collector current
I C
T j = T jmax
T S =80 °C
43
Repetitive peak collector current
I CRM
t p limited by T jmax
150
A
Total power dissipation
P tot
T j = T jmax
T S =80 °C
84
W
Gate-emitter voltage
V GES
±20
V
Maximum Junction Temperature
T jmax
175
°C
Parameter
Symbol
Unit
Maximum DC voltage
V MAX
630
V
Operation Temperature
T op
-55…+125
°C
Conditions
Value
Parameter
Symbol
Value
Unit
Conditions
Peak Repetitive Reverse Voltage
VRRM
650
V
Repetitive peak forward current
IFRM
100
A
DC forward current
IF
Tj=Tjmax
TS=80°C
40
A
Power dissipation
Ptot
Tj=Tjmax
TS=80°C
64
W
Maximum Junction Temperature
Tjmax
175
°C


Similar Part No. - 10-FY07ZAB050SM-L514B08-3

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY07ZAB075SM-L515B08 VINCOTECH-10-FY07ZAB075SM-L515B08 Datasheet
477Kb / 11P
   High integration level of Rectifier, PFC and Inverter
10-FY07ZAB075SM-L515B08-3 VINCOTECH-10-FY07ZAB075SM-L515B08-3 Datasheet
477Kb / 11P
   High integration level of Rectifier, PFC and Inverter
More results

Similar Description - 10-FY07ZAB050SM-L514B08-3

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F107ZAA060SM-L515B19 VINCOTECH-10-F107ZAA060SM-L515B19 Datasheet
468Kb / 11P
   High integration level of Rectifier, PFC and Inverter
10-FY07ZAA015SM-L512B28 VINCOTECH-10-FY07ZAA015SM-L512B28 Datasheet
506Kb / 11P
   High integration level of Rectifier, PFC and Inverter
10-FY07ZAA050SM-L514B28 VINCOTECH-10-FY07ZAA050SM-L514B28 Datasheet
474Kb / 11P
   High integration level of Rectifier, PFC and Inverter
10-FY07ZAA030SM-L513B28 VINCOTECH-10-FY07ZAA030SM-L513B28 Datasheet
476Kb / 11P
   High integration level of Rectifier, PFC and Inverter
10-F107ZAA045SM-L514B19 VINCOTECH-10-F107ZAA045SM-L514B19 Datasheet
478Kb / 11P
   High integration level of Rectifier, PFC and Inverter
10-FY07ZAB075SM-L515B08 VINCOTECH-10-FY07ZAB075SM-L515B08 Datasheet
477Kb / 11P
   High integration level of Rectifier, PFC and Inverter
logo
STMicroelectronics
AN3165 STMICROELECTRONICS-AN3165 Datasheet
1Mb / 31P
   Digital PFC and dual FOC MC integration
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
2203144 PHOENIX-2203144 Datasheet
54Kb / 2P
   Integration of LCD displays and membrane keypads
2203147 PHOENIX-2203147 Datasheet
54Kb / 2P
   Integration of LCD displays and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com