Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG45A10EPD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG45A10EPD
Description  45 V, 10 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG45A10EPD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG45A10EPD Datasheet HTML 5Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 6Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 7Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 8Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 9Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 10Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 11Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 12Page - NXP Semiconductors PMEG45A10EPD Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
PMEG45A10EPD
45 V, 10 A low VF MEGA Schottky barrier rectifier
PMEG45A10EPD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
16 December 2014
9 / 13
13. Soldering
Footprint information for reflow soldering of CFP15 package
SOT1289
sot1289_fr
Dimensions in mm
occupied area
solder paste
solder resist
solder lands
Issue date 13-08-28
14-03-12
2.13
1.4 (2×)
1.8 (2×)
1.6 (2×)
4.6
3.73
1.7 (4×)
0.2
2.4
3.8
4
0.11
0.2
0.2
0.4
1.02
0.6
0.05
7.5
0.6
1.9
1.9
5.16 4.96
1.34
1.44
1.64
Fig. 12. Reflow soldering footprint for CFP15 (SOT1289)


Similar Part No. - PMEG45A10EPD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG45A10EPD NEXPERIA-PMEG45A10EPD Datasheet
688Kb / 13P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
16 December 2014
More results

Similar Description - PMEG45A10EPD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG045V100EPD PHILIPS-PMEG045V100EPD_15 Datasheet
232Kb / 15P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
4 December 2014
logo
Nexperia B.V. All right...
PMEG045V100EPD NEXPERIA-PMEG045V100EPD Datasheet
718Kb / 15P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
PMEG45A10EPD NEXPERIA-PMEG45A10EPD Datasheet
688Kb / 13P
   45 V, 10 A low VF MEGA Schottky barrier rectifier
16 December 2014
PMEG45U10EPD NEXPERIA-PMEG45U10EPD Datasheet
689Kb / 13P
   45 V, 10 A extremely low VF MEGA Schottky barrier rectifier
16 December 2014
PMEG045T100EPE NEXPERIA-PMEG045T100EPE Datasheet
256Kb / 11P
   45 V, 10 A low VF Trench MEGA Schottky barrier rectifier
24 June 2020
logo
NXP Semiconductors
PMEG45U10EPD NXP-PMEG45U10EPD Datasheet
200Kb / 13P
   45 V, 10 A extremely low VF MEGA Schottky barrier rectifier
16 December 2014
logo
Nexperia B.V. All right...
PMEG045T100EPD NEXPERIA-PMEG045T100EPD Datasheet
228Kb / 12P
   45 V, 10 A low VF Trench MEGA Schottky barrier rectifier
PMEG045T100EPE-Q NEXPERIA-PMEG045T100EPE-Q Datasheet
256Kb / 11P
   45 V, 10 A low VF Trench MEGA Schottky barrier rectifier
7 May 2021
logo
NXP Semiconductors
PMEG045V050EPD PHILIPS-PMEG045V050EPD_15 Datasheet
226Kb / 15P
   45 V, 5 A low VF MEGA Schottky barrier rectifier
26 January 2015
PMEG045V150EPD PHILIPS-PMEG045V150EPD_15 Datasheet
235Kb / 16P
   45 V, 15 A low VF MEGA Schottky barrier rectifier
22 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com