Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHPT60610NY Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHPT60610NY
Description  60 V, 10 A NPN high power bipolar transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHPT60610NY Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHPT60610NY Datasheet HTML 2Page - NXP Semiconductors PHPT60610NY Datasheet HTML 3Page - NXP Semiconductors PHPT60610NY Datasheet HTML 4Page - NXP Semiconductors PHPT60610NY Datasheet HTML 5Page - NXP Semiconductors PHPT60610NY Datasheet HTML 6Page - NXP Semiconductors PHPT60610NY Datasheet HTML 7Page - NXP Semiconductors PHPT60610NY Datasheet HTML 8Page - NXP Semiconductors PHPT60610NY Datasheet HTML 9Page - NXP Semiconductors PHPT60610NY Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NXP Semiconductors
PHPT60610NY
60 V, 10 A NPN high power bipolar transistor
PHPT60610NY
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
27 May 2015
6 / 17
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = 48 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
ICBO
collector-base cut-off
current
VCB = 48 V; IE = 0 A; Tj = 150 °C
-
-
50
µA
ICES
collector-emitter cut-off
current
VCE = 48 V; VBE = 0 V; Tamb = 25 °C
-
-
100
nA
IEBO
emitter-base cut-off
current
VEB = 7 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
VCE = 2 V; IC = 500 mA; Tamb = 25 °C
240
410
-
VCE = 2 V; IC = 1 A; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
210
400
-
VCE = 2 V; IC = 5 A; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
100
200
-
hFE
DC current gain
VCE = 2 V; IC = 10 A; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C; pulsed
50
100
-
IC = 1 A; IB = 50 mA; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C; pulsed
-
30
40
mV
IC = 5 A; IB = 500 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
115
160
mV
VCEsat
collector-emitter
saturation voltage
-
250
360
mV
RCEsat
collector-emitter
saturation resistance
IC = 10 A; IB = 1 A; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
25
36
IC = 1 A; IB = 50 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
0.95
V
IC = 5 A; IB = 500 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
1.2
V
VBEsat
base-emitter saturation
voltage
IC = 10 A; IB = 1 A; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
1.4
V
VBEon
base-emitter turn-on
voltage
VCE = 2 V; IC = 500 mA; Tamb = 25 °C
-
-
0.8
V
td
delay time
-
20
-
ns
tr
rise time
-
180
-
ns
ton
turn-on time
-
200
-
ns
ts
storage time
-
340
-
ns
tf
fall time
-
165
-
ns
toff
turn-off time
VCC = 12.5 V; IC = 5 A; IBon = 250 mA;
IBoff = -250 mA; Tamb = 25 °C
-
505
-
ns


Similar Part No. - PHPT60610NY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT60610NY NEXPERIA-PHPT60610NY Datasheet
271Kb / 13P
   60 V, 10 A NPN high power bipolar transistor
15 January 2019
More results

Similar Description - PHPT60610NY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT60610NY NEXPERIA-PHPT60610NY Datasheet
271Kb / 13P
   60 V, 10 A NPN high power bipolar transistor
15 January 2019
logo
NXP Semiconductors
PHPT60610PY NXP-PHPT60610PY Datasheet
248Kb / 17P
   60 V, 10 A PNP high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60610PY NEXPERIA-PHPT60610PY Datasheet
269Kb / 13P
   60 V, 10 A PNP high power bipolar transistor
15 January 2019
PHPT60606NY NEXPERIA-PHPT60606NY Datasheet
722Kb / 16P
   60 V, 6 A NPN high power bipolar transistor
8 December 2014
logo
NXP Semiconductors
PHPT60606NY NXP-PHPT60606NY Datasheet
244Kb / 16P
   60 V, 6 A NPN high power bipolar transistor
8 December 2014
logo
Nexperia B.V. All right...
PHPT61010NY NEXPERIA-PHPT61010NY Datasheet
720Kb / 16P
   100 V, 10 A NPN high power bipolar transistor
20 March 2015
PHPT60410NY NEXPERIA-PHPT60410NY Datasheet
719Kb / 15P
   40 V, 10 A NPN high power bipolar transistor
27 January 2015
logo
NXP Semiconductors
PHPT60410NY NXP-PHPT60410NY Datasheet
242Kb / 15P
   40 V, 10 A NPN high power bipolar transistor
27 January 2015
PHPT61010NY NXP-PHPT61010NY Datasheet
242Kb / 16P
   100 V, 10 A NPN high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com