Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHPT60606PY Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHPT60606PY
Description  60 V, 6 A PNP high power bipolar transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHPT60606PY Datasheet(HTML) 3 Page - NXP Semiconductors

  PHPT60606PY Datasheet HTML 1Page - NXP Semiconductors PHPT60606PY Datasheet HTML 2Page - NXP Semiconductors PHPT60606PY Datasheet HTML 3Page - NXP Semiconductors PHPT60606PY Datasheet HTML 4Page - NXP Semiconductors PHPT60606PY Datasheet HTML 5Page - NXP Semiconductors PHPT60606PY Datasheet HTML 6Page - NXP Semiconductors PHPT60606PY Datasheet HTML 7Page - NXP Semiconductors PHPT60606PY Datasheet HTML 8Page - NXP Semiconductors PHPT60606PY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NXP Semiconductors
PHPT60606PY
60 V, 6 A PNP high power bipolar transistor
PHPT60606PY
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
9 December 2014
3 / 15
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-60
V
VCEO
collector-emitter voltage
open base
-
-60
V
VEBO
emitter-base voltage
open collector
-
-8
V
IC
collector current
-
-6
A
ICM
peak collector current
tp ≤ 1 ms; pulsed
-
-12
A
IB
base current
-
-800
mA
IBM
peak base current
tp ≤ 1 ms; pulsed
-
-1.2
A
[1]
-
1.35
W
[2]
-
3.25
W
[3]
-
5
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[4]
-
25
W
Tj
junction temperature
-
175
°C
Tamb
ambient temperature
-55
175
°C
Tstg
storage temperature
-65
175
°C
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated mounting pad for collector 6 cm2.
[3] Device mounted on a ceramic PCB, Al2O3, standard footprint.
[4] Power dissipation from junction to mounting base.
Tamb (°C)
-75
225
125
25
aaa-014785
2
4
6
Ptot
(W)
0
(1)
(2)
(3)
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 6 cm2
(3) FR4 PCB, standard footprint
Fig. 1. Power derating curves


Similar Part No. - PHPT60606PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
More results

Similar Description - PHPT60606PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
   60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT60603PY NEXPERIA-PHPT60603PY Datasheet
735Kb / 15P
   60 V, 3 A PNP high power bipolar transistor
logo
NXP Semiconductors
PHPT60610PY NXP-PHPT60610PY Datasheet
248Kb / 17P
   60 V, 10 A PNP high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60610PY NEXPERIA-PHPT60610PY Datasheet
269Kb / 13P
   60 V, 10 A PNP high power bipolar transistor
15 January 2019
PHPT60606NY NEXPERIA-PHPT60606NY Datasheet
722Kb / 16P
   60 V, 6 A NPN high power bipolar transistor
8 December 2014
logo
NXP Semiconductors
PHPT60606NY NXP-PHPT60606NY Datasheet
244Kb / 16P
   60 V, 6 A NPN high power bipolar transistor
8 December 2014
PHPT61006PY NXP-PHPT61006PY Datasheet
237Kb / 16P
   100 V, 6 A PNP high power bipolar transistor
21 January 2015
logo
Nexperia B.V. All right...
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
   100 V, 6 A PNP high power bipolar transistor
21 January 2015
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
   100 V, 6 A PNP high power bipolar transistor
10 May 2021
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
   40 V, 6 A PNP high power bipolar transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com