Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCS250PS56 Datasheet(PDF) 2 Page - XP Power Limited

Part # GCS250PS56
Description  AC-DC Power Supplies 150/180/250/350 Watts
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS250PS56 Datasheet(HTML) 2 Page - XP Power Limited

  GCS250PS56 Datasheet HTML 1Page - XP Power Limited GCS250PS56 Datasheet HTML 2Page - XP Power Limited GCS250PS56 Datasheet HTML 3Page - XP Power Limited GCS250PS56 Datasheet HTML 4Page - XP Power Limited GCS250PS56 Datasheet HTML 5Page - XP Power Limited GCS250PS56 Datasheet HTML 6Page - XP Power Limited GCS250PS56 Datasheet HTML 7Page - XP Power Limited GCS250PS56 Datasheet HTML 8Page - XP Power Limited GCS250PS56 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
0
180
170
160
150
140
130
120
110
100
90
Input Voltage (VAC)
GCS150PSxx convection-cooled
85
264
220
230
240
250
260
270
90
100
GCS180PSxx convection-cooled
GCS150PSxx forced-cooled
GCS180PSxx forced-cooled
0
250
240
230
220
210
200
190
180
170
160
Input Voltage (VAC)
85
264
220
230
240
250
260
270
90
100
Forced-cooled (24 V / 28 V / 48 V)
Forced-cooled (12 V / 15 V)
Convection-cooled (All models)
0
360
340
320
300
280
260
240
220
200
180
160
Input Voltage (VAC)
85
264
220
230
240
250
260
270
90
100
Forced-cooled
Convection-cooled (at 40 °C)
Convection-cooled (at 50 °C)
Input
GCS Series
www.xppower.com
2
AC-DC Power Supplies
Input Voltage Derating Curve
Figure 1
GCS150 & GCS180
GCS350
GCS250
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
115/230
264
VAC
Derate output power <90 VAC. See fig 1.
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
230 VAC, 100% load
Input Current - Full Load
1.5/0.7
A
GCS150: 115/230 VAC
1.8/0.8
GCS180: 115/230 VAC
2.2/1.1
GCS250 12-15 V models: 115/230 VAC
2.4/1.2
GCS250 ≥24 V models: 115/230 VAC
3.6/1.8
GCS350: 115/230 VAC
Inrush Current
80
A
230 VAC cold start 25 °C
No Load Input Power
0.5
W
All GCS150 & GCS180 (including -R Models)
2.3
GCS150 & GCS180 -R Models with inhibit activated
5
All GCS250 (including -R Models) 115V AC
3
All GCS250 (including -R Models) 230V AC
1
GCS250 -R Models with inhibit activated 115V AC
3
GCS250 -R Models with inhibit activated 230V AC
0.5
Available for GCS250 models, contact sales
4
GCS350: 115/230 VAC
Earth Leakage Current
60/120
200
µA
GCS150: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
95/185
250
GCS180: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
95/185
250
GCS250: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
95/185
250
GCS350: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
Input Protection
GCS150/180: F3.15 A/250 V internal fuse in both lines. GCS250/350: F5.0 A/250 V internal fuse in both lines.


Similar Part No. - GCS250PS56

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCS265 XPPOWER-GCS265 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS12 XPPOWER-GCS265PS12 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS15 XPPOWER-GCS265PS15 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS24 XPPOWER-GCS265PS24 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS28 XPPOWER-GCS265PS28 Datasheet
1Mb / 8P
   AC-DC Power Supplies
More results

Similar Description - GCS250PS56

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SMP350 XPPOWER-SMP350 Datasheet
959Kb / 6P
   AC-DC Power Supplies 350 Watts
logo
Tumbler Technologies + ...
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
   150 Watts AC/DC Medical & ITE Grade Power Supplies
logo
Sparkle Power Inc.
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
   350 Watts MEDICAL POWER SUPPLIES
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
   250 Watt AC-DC Power Supplies
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
   AC-DC Power Supplies 500 Watts
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
   AC-DC Power Supplies 3 Watts
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
   AC-DC Power Supplies 120 WATTS
logo
XP Power Limited
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
   AC-DC Power Supplies 10 Watts
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com