Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCS250PS24 Datasheet(PDF) 4 Page - XP Power Limited

Part # GCS250PS24
Description  AC-DC Power Supplies 150/180/250/350 Watts
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS250PS24 Datasheet(HTML) 4 Page - XP Power Limited

  GCS250PS24 Datasheet HTML 1Page - XP Power Limited GCS250PS24 Datasheet HTML 2Page - XP Power Limited GCS250PS24 Datasheet HTML 3Page - XP Power Limited GCS250PS24 Datasheet HTML 4Page - XP Power Limited GCS250PS24 Datasheet HTML 5Page - XP Power Limited GCS250PS24 Datasheet HTML 6Page - XP Power Limited GCS250PS24 Datasheet HTML 7Page - XP Power Limited GCS250PS24 Datasheet HTML 8Page - XP Power Limited GCS250PS24 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GCS Series
www.xppower.com
AC-DC Power Supplies
General
Efficiency Vs Load
Figure 3
12 V Models
Figure 4
24 V Models
Figure 5
48 V Models
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
93
%
230 VAC Full load (see fig.3-5)
80 Plus Silver
All models except 12 V models
80 Plus Bronze
12 V models
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
1500
VAC
1500
VAC
Switching Frequency
60
200
kHz
PFC Converter
90
150
Main Converter
Power Density
7.4
W/in3
GCS150
8.8
GCS180
12.1
GCS250
16.4
GCS350
Mean Time Between Failure
569
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight: Open Frame
End Fan Unit
Top Fan Unit
Covered Unit
0.65 (0.29)
lb (kg)
1.30 (0.59)
lb (kg)
1.15 (0.52)
lb (kg)
1.05 (0.48)
lb (kg)
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
25%
50%
67%
75%
100%
Load %
115V
230V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
25%
50%
67%
75%
100%
Load %
115V
230V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
25%
50%
67%
75%
100%
Load %
115V
230V
4


Similar Part No. - GCS250PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCS265 XPPOWER-GCS265 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS12 XPPOWER-GCS265PS12 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS15 XPPOWER-GCS265PS15 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS24 XPPOWER-GCS265PS24 Datasheet
1Mb / 8P
   AC-DC Power Supplies
GCS265PS28 XPPOWER-GCS265PS28 Datasheet
1Mb / 8P
   AC-DC Power Supplies
More results

Similar Description - GCS250PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SMP350 XPPOWER-SMP350 Datasheet
959Kb / 6P
   AC-DC Power Supplies 350 Watts
logo
Tumbler Technologies + ...
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
   150 Watts AC/DC Medical & ITE Grade Power Supplies
logo
Sparkle Power Inc.
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
   350 Watts MEDICAL POWER SUPPLIES
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
   250 Watt AC-DC Power Supplies
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
   AC-DC Power Supplies 500 Watts
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
   AC-DC Power Supplies 3 Watts
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
   AC-DC Power Supplies 120 WATTS
logo
XP Power Limited
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
   AC-DC Power Supplies 10 Watts
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com