Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5103 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TDA5103
Description  ASK Transmitter 345 MHz
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5103 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TDA5103 Datasheet HTML 2Page - Infineon Technologies AG TDA5103 Datasheet HTML 3Page - Infineon Technologies AG TDA5103 Datasheet HTML 4Page - Infineon Technologies AG TDA5103 Datasheet HTML 5Page - Infineon Technologies AG TDA5103 Datasheet HTML 6Page - Infineon Technologies AG TDA5103 Datasheet HTML 7Page - Infineon Technologies AG TDA5103 Datasheet HTML 8Page - Infineon Technologies AG TDA5103 Datasheet HTML 9Page - Infineon Technologies AG TDA5103 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Product Description
2 - 2
TDA 5103A
preliminary
Wireless Components
Specification, March 2001
2.1 Overview
The TDA 5103A is a single chip ASK transmitter for the frequency band 344-
347 MHz. The IC offers a high level of integration and needs only a few external
components. The device contains a fully integrated PLL synthesizer and a high
efficiency power amplifier to drive a loop antenna. A special circuit design and
an unique power amplifier design are used to save current consumption and
therefore to save battery life. Additional features like a power down mode, a low
power detect and a divided clock output are implemented.
2.2 Applications
 Keyless entry systems
 Remote control systems
 Alarm systems
 Communication systems
2.3 Features
 fully integrated frequency synthesizer
 VCO without external components
 high efficiency power amplifier
 frequency range 344-347 MHz
 ASK modulation
 low supply current (typically 7 mA)
 voltage supply range 2.1 - 4 V
 power down mode
 low voltage sensor
 clock output for µC
 low external component count


Similar Part No. - TDA5103

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
   fully integrated frequency synthesizer
Version 2.1 June 2001
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101 INFINEON-TDA5101 Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
   ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
More results

Similar Description - TDA5103

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
   ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
Infineon Technologies A...
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
   ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com