Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NXJ1S0305MC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NXJ1S0305MC
Description  Isolated 1W Single Output SM DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NXJ1S0305MC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NXJ1S0305MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NXJ1S0305MC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NXJ1 Series
Isolated 1W Single Output SM DC/DC Converters
KDC_NXJ1.A01 Page 5 of 10
All enquiries: www.murata-ps.com/support
www.murata-ps.com
EFFICIENCY VS LOAD
3V Input
5V Input
12V Input
0
10
20
30
40
50
60
70
80
0
102030405060708090
100
Load (%)
NXJ1S0303MC
NXJ1S0305MC
0
10
20
30
40
50
60
70
80
0
102030405060708090
100
Load (%)
NXJ1S0505MC
0
10
20
30
40
50
60
70
80
0
102030405060708090
100
Load (%)
NXJ1S1205MC
NXJ1S1212MC
NXJ1S1215MC


Similar Part No. - NXJ1S0305MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NXJ1S0305MC MURATA-PS-NXJ1S0305MC Datasheet
456Kb / 12P
   Isolated 1W Single Output SM DC-DC Converters
2023
More results

Similar Description - NXJ1S0305MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
   Isolated 1W Single Output SM DC/DC Converters
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com