Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6754
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6754 Datasheet(HTML) 4 Page - Linear Technology

  LTC6754 Datasheet HTML 1Page - Linear Technology LTC6754 Datasheet HTML 2Page - Linear Technology LTC6754 Datasheet HTML 3Page - Linear Technology LTC6754 Datasheet HTML 4Page - Linear Technology LTC6754 Datasheet HTML 5Page - Linear Technology LTC6754 Datasheet HTML 6Page - Linear Technology LTC6754 Datasheet HTML 7Page - Linear Technology LTC6754 Datasheet HTML 8Page - Linear Technology LTC6754 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC6754
4
6754f
For more information www.linear.com/LTC6754
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tJIT_RMS
RMS Jitter, Sine Wave Input
VIN=200mVP–P
fIN=245.76MHz, Jitter BW=10Hz–122.88MHz
fIN=245.76MHz, Jitter BW=12kHz–20MHz
fIN=100MHz, Jitter BW=10Hz–50MHz
fIN=100MHz, Jitter BW=12kHz–20MHz
fIN=61.44MHz, Jitter BW=10Hz–30.72MHz
fIN=61.44MHz, Jitter BW=12kHz–20MHz
fIN=10MHz, Jitter BW=10Hz–5MHz
1.53
0.7
2.2
1.34
2.93
2.37
20
ps
ps
ps
ps
ps
ps
ps
Latching/Adjustable Hysteresis Characteristics
VLE/HYST
LE/HYST Pin Voltage
Open Circuit
l
1.05
1.25
1.45
V
RHYST
Resistor Value at LE/HYST
LE/HYST Pin Voltage < Open Circuit Value
l
11.6
14.5
17.6
VHYST_LARGE Hysteresis Voltage
VLE/HYST = 800mV
40
mV
VIL_LE
Latch Pin Voltage, Latch Guaranteed
l
0.4
V
VIH_LE
Latch Pin Voltage, Hysteresis Disabled
l
1.7
V
IIH_LE
Latch Pin Current High
VLE/HYST = 1.7V
l
31
70
µA
IIL_LE
Latch Pin Current Low
VLE/HYST = 0.4V
l
–75
–59
µA
tSETUP
Latch Setup Time
2
ns
tHOLD
Latch Hold Time
–2
ns
tPL
Latch to Output Delay
3
ns
Shutdown Characteristics
ISD_VCCI
Shutdown Mode Input Stage Supply Current
VSHDN = 0.8V
l
0.78
1.07
1.14
mA
mA
ISD_VCCO
Shutdown Mode Output Stage Supply Current
VSHDN = 0.8V
l
270
410
430
μA
µA
ISD_TOT
Shutdown Mode Total Supply Current
VSHDN = 0.8V
l
1.05
1.48
1.57
mA
mA
tSD
Shutdown Time
Output Hi-Z
110
ns
VIH_SD
Shutdown Pin Voltage High
Part Guaranteed to be Powered On
l
2
V
VIL_SD
Shutdown Pin Voltage Low
Part Guaranteed to be Powered Off
0.8
V
tWAKEUP
Wake-Up Time from Shutdown
VOVERDRIVE = 100mV, Output Valid
120
ns
The l denotes the specifications which apply
over the specified temperature range, otherwise specifications are at TA = 25°C, LE/HYST, SHDN pins floating, VOVERDRIVE = 50mV,
–IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size, RL=100Ω , unless otherwise noted.
elecTrical characTerisTics (VCCI = VCCO = 5.0V)


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6754 AD-LTC6754 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
   IttyBitty Rail-to-Rail Input Comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com