Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6375 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 3 Page - Linear Technology

  LT6375 Datasheet HTML 1Page - Linear Technology LT6375 Datasheet HTML 2Page - Linear Technology LT6375 Datasheet HTML 3Page - Linear Technology LT6375 Datasheet HTML 4Page - Linear Technology LT6375 Datasheet HTML 5Page - Linear Technology LT6375 Datasheet HTML 6Page - Linear Technology LT6375 Datasheet HTML 7Page - Linear Technology LT6375 Datasheet HTML 8Page - Linear Technology LT6375 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT6375
3
6375fa
For more information www.linear.com/LT6375
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H-grade parts, otherwise specifications are at TA = 25°C,
V+ = 15V, V= –15V, VCM = VOUT = VREF = 0V. VCMOP is the common mode voltage of the internal op amp. For Resistor Divider
Ratio = 7, ±REFA = ± REFC = OPEN, ±REFB = 0V. For Resistor Divider Ratio = 20, ±REFA = ±REFC = 0V, ±REFB = OPEN. For Resistor
Divider Ratio = 25, ±REFA = ±REFB = ±REFC = 0V.
SYMBOL PARAMETER
CONDITIONS
LT6375A
LT6375
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
G
Gain
VOUT = ±10V
1
1
V/V
∆G
Gain Error
VOUT = ±10V
l
±0.0007 ±0.0035
±0.005
±0.001 ±0.006
±0.0075
%
%
∆G/∆T
Gain Drift vs Temperature
(Note 6)
VOUT = ±10V
l
±0.2
±1
±0.2
±1
ppm/°C
GNL
Gain Nonlinearity
VOUT = ±10V
l
±1
±2
±3
±1
±2
±3
ppm
ppm
VOS
Output Offset Voltage
V< VCMOP < V+ –1.75V
Resistor Divider Ratio = 7
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
Resistor Divider Ratio = 25
l
l
l
100
250
300
300
750
700
2000
900
2500
120
300
400
450
1500
1200
4000
1500
5000
µV
µV
µV
µV
µV
µV
∆VOS/∆T Output Offset Voltage Drift
(Note 6)
V< VCMOP < V+ –1.75V
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
l
l
3
8
9
23
4
10
12
30
µV/°C
µV/°C
RIN
Input Impedance (Note 8)
Common Mode
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
Differential
l
l
l
l
93
84
83
320
111
100
99
380
129
116
115
440
93
84
83
320
111
100
99
380
129
116
115
440
CMRR
Common Mode Rejection Ratio MS16 Package
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±270V
Resistor Divider Ratio = 25, VCM = ±270V
l
l
l
l
96
94
96
94
96
94
97
94
106
106
106
107
89
83
89
83
89
83
90
83
100
100
100
100
dB
dB
dB
dB
dB
dB
dB
dB
DF14 Package
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±270V
Resistor Divider Ratio = 25, VCM = ±270V
l
l
l
l
94
92
94
92
94
92
95
92
104
104
104
105
89
83
89
83
89
83
90
83
100
100
100
100
dB
dB
dB
dB
dB
dB
dB
dB
VCM
Input Voltage Range (Note 7)
l
–270
270
–270
270
V
PSRR
Power Supply Rejection Ratio
VS = ±1.65V to ±25V, VCM = VOUT =
Mid-Supply
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
l
l
l
101
93
91
115
104
101
98
90
88
110
100
100
dB
dB
dB


Similar Part No. - LT6375

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT637 LETEX-LT637 Datasheet
163Kb / 4P
   Photo DMOS-FET Relay
logo
Analog Devices
LT6370 AD-LT6370 Datasheet
2Mb / 28P
   Precision Instrumentation Amplifier with Level Shift and Output Clamping
LT6372-0.2 AD-LT6372-0.2 Datasheet
2Mb / 28P
   Precision Instrumentation Amplifier with Level Shift and Output Clamping
LT6372-1 AD-LT6372-1 Datasheet
2Mb / 28P
   Precision Instrumentation Amplifier with Level Shift and Output Clamping
LT6372HMSE-1 AD-LT6372HMSE-1 Datasheet
2Mb / 28P
   Precision Instrumentation Amplifier with Level Shift and Output Clamping
More results

Similar Description - LT6375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com