Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP09N20J-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP09N20J-HF
Description  Fast Switching Characteristics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP09N20J-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP09N20J-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP09N20J-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP09N20J-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP09N20J-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP09N20J-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
200
-
-
V
∆BVDSS/∆Tj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.24
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=5A
-
-
380
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
3.7
-
S
IDSS
Drain-Source Leakage Current
VDS=200V, VGS=0V
-
-
10
uA
Drain-Source Leakage Current (Tj=125
oC) VDS=160V, VGS=0V
-
-
100
uA
IGSS
Gate-Source Leakage
VGS= +30V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
3
ID=8.6A
-
23
37
nC
Qgs
Gate-Source Charge
VDS=160V
-
4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
13
-
nC
td(on)
Turn-on Delay Time
3
VDD=100V
-
12
-
ns
tr
Rise Time
ID=8.6A
-
25
-
ns
td(off)
Turn-off Delay Time
RG=10Ω
-36
-
ns
tf
Fall Time
VGS=10V
-
16
-
ns
Ciss
Input Capacitance
VGS=0V
-
500
800
pF
Coss
Output Capacitance
VDS=25V
-
90
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
40
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
3
IS=8.6A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
IS=8.6A, VGS=0V,
-
225
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
2260
-
nC
Notes:
1.Pulse width limited by safe operating area.
2.Starting Tj=25
oC , V
DD=50V , L=1mH , RG=25Ω , IAS=8.6A.
3.Pulse width <300us , duty cycle <2%.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
4.Surface mounted on 1 in
2 copper pad of FR4 board
2
AP09N20H/J-HF
.


Similar Part No. - AP09N20J-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP09N20J A-POWER-AP09N20J Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - AP09N20J-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2762I-A-HF A-POWER-AP2762I-A-HF_14 Datasheet
91Kb / 4P
   Fast Switching Characteristics
AP2762S-A-HF A-POWER-AP2762S-A-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_14 Datasheet
67Kb / 4P
   Fast Switching Characteristics
AP09N70P-H A-POWER-AP09N70P-H_14 Datasheet
69Kb / 4P
   Fast Switching Characteristics
AP4002I-HF A-POWER-AP4002I-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
AP01L60H-HF A-POWER-AP01L60H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP01L60T-HF A-POWER-AP01L60T-HF_16 Datasheet
56Kb / 5P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_16 Datasheet
66Kb / 5P
   Fast Switching Characteristics
AP09N20BGH-HF A-POWER-AP09N20BGH-HF_16 Datasheet
98Kb / 5P
   Fast Switching Characteristics
AP92T03GH-HF A-POWER-AP92T03GH-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com